Electronic Components Datasheet Search
  English  ▼

X  

ADM3095EARZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADM3095EARZ
Description  Level 4 EMC Protected RS-485 Transceiver with Full ±42 V Fault Protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3095EARZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM3095EARZ Datasheet HTML 5Page - Analog Devices ADM3095EARZ Datasheet HTML 6Page - Analog Devices ADM3095EARZ Datasheet HTML 7Page - Analog Devices ADM3095EARZ Datasheet HTML 8Page - Analog Devices ADM3095EARZ Datasheet HTML 9Page - Analog Devices ADM3095EARZ Datasheet HTML 10Page - Analog Devices ADM3095EARZ Datasheet HTML 11Page - Analog Devices ADM3095EARZ Datasheet HTML 12Page - Analog Devices ADM3095EARZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Data Sheet
ADM3095E
Rev. C | Page 9 of 19
C1 1.0V/DIV
M1 1.5V
100ns
1MΩ BW: 500M
C2 1.0V/DIV
1MΩ BW: 500M
C3 2.0V/DIV
1MΩ BW: 500M
100ns/DIV
10.0GS/s
100ps/PT
RL = 10.0kΩ
A C3
2.48V
C1
A
B
VOD
RxD
C3
M1
Figure 19. Receiver Propagation Delay
0
20
40
60
80
100
120
140
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
tPHL
tPLH
Figure 20. Receiver Propagation Delay vs. Temperature
C1 1.0V/DIV
M1 600mV
100ns
OFFSET: 25.0V 1MΩ BW: 500M
C2 1.0V/DIV
OFFSET: 25.0V 1MΩ BW: 500M
C3 2.0V/DIV
1MΩ BW: 500M
100ns/DIV
10.0GS/s
100ps/pt
RL = 10.0kΩ
A C3
2.48V
C1
A
B
VOD
RxD
C3
M1
Figure 21. Receiver Performance with Input Common-Mode Voltage of 25 V
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
PIN VOLTAGE (V)
PIN A, VCC = VIO = 3.0V
PIN A, VCC = VIO = 4.5V
PIN A, VCC = VIO = 5.5V
PIN B, VCC = VIO = 3.0V
PIN B, VCC = VIO = 4.5V
PIN B, VCC = VIO = 5.5V
Figure 22. Short-Circuit Current vs. Pin Voltage
0
0.05
0.10
0.15
0.20
0.25
0.30
–40
–25
–5
15
35
55
75
95
115
125
130
140
JUNCTION TEMPERATURE (°C)
Figure 23. Input Capacitance, A or B Pin vs. Junction Temperature
0
100
200
300
400
500
600
700
0
0.25
0.50
1.00
2.00
2.50
SIGNALING RATE (Mbps)
Figure 24. Receiver Input Differential Voltage (VID) vs. Signaling Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com