Electronic Components Datasheet Search
  English  ▼

X  

ADM3095EARZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADM3095EARZ
Description  Level 4 EMC Protected RS-485 Transceiver with Full ±42 V Fault Protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3095EARZ Datasheet(HTML) 2 Page - Analog Devices

  ADM3095EARZ Datasheet HTML 1Page - Analog Devices ADM3095EARZ Datasheet HTML 2Page - Analog Devices ADM3095EARZ Datasheet HTML 3Page - Analog Devices ADM3095EARZ Datasheet HTML 4Page - Analog Devices ADM3095EARZ Datasheet HTML 5Page - Analog Devices ADM3095EARZ Datasheet HTML 6Page - Analog Devices ADM3095EARZ Datasheet HTML 7Page - Analog Devices ADM3095EARZ Datasheet HTML 8Page - Analog Devices ADM3095EARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ADM3095E
Data Sheet
Rev. C | Page 2 of 19
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Timing Specifications .................................................................. 4
Timing Diagrams.......................................................................... 4
Absolute Maximum Ratings............................................................ 5
Thermal Resistance ...................................................................... 5
ESD Caution.................................................................................. 5
Pin Configuration and Function Descriptions............................. 6
Typical Performance Characteristics ............................................. 7
Test Circuits..................................................................................... 10
Theory of Operation ...................................................................... 11
RS-485 with Robustness ............................................................ 11
Certified IEC EMC Solution..................................................... 11
Overvoltage Fault Protection.................................................... 11
±42 V Miswire Protection......................................................... 11
RS-485 Network Biasing and Termination ............................. 12
IEC ESD, EFT, and Surge Protection....................................... 12
IEC 61000-4-6 Conducted RF Immunity ............................... 15
Fully RS-485 Compliant over an Extended ±25 V Common-
Mode Range ................................................................................ 16
1.62 V to 5.5 V VIO Logic Supply.............................................. 16
Truth Tables................................................................................. 16
Receiver Fail-Safe ....................................................................... 17
RS-485 Data Rate and Bus Capacitance .................................. 17
Hot Swap Capability................................................................... 17
Applications Information .............................................................. 18
Robust Half Duplex RS-485 Network...................................... 18
Outline Dimensions....................................................................... 19
Ordering Guide .......................................................................... 19
REVISION HISTORY
7/2017—Rev. B to Rev. C
Changes to Supply Current (ICC) Parameter, Table 1 ................... 3
6/2017—Rev. A to Rev. B
Changes to All Pins Parameter, Table 3 .................................................. 5
5/2017—Rev. 0 to Rev. A
Change to All Pins Parameter, Table 3........................................... 5
3/2017—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com