Electronic Components Datasheet Search
  English  ▼

X  

ADM3095EARZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADM3095EARZ
Description  Level 4 EMC Protected RS-485 Transceiver with Full ±42 V Fault Protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3095EARZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM3095EARZ Datasheet HTML 3Page - Analog Devices ADM3095EARZ Datasheet HTML 4Page - Analog Devices ADM3095EARZ Datasheet HTML 5Page - Analog Devices ADM3095EARZ Datasheet HTML 6Page - Analog Devices ADM3095EARZ Datasheet HTML 7Page - Analog Devices ADM3095EARZ Datasheet HTML 8Page - Analog Devices ADM3095EARZ Datasheet HTML 9Page - Analog Devices ADM3095EARZ Datasheet HTML 10Page - Analog Devices ADM3095EARZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Data Sheet
ADM3095E
Rev. C | Page 7 of 19
TYPICAL PERFORMANCE CHARACTERISTICS
0
10
20
30
40
50
60
70
80
90
100
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
VIO = VCC = 5.5V
IIO
ICC, 54Ω LOAD
ICC, 120Ω LOAD
ICC, NO LOAD
Figure 7. Supply Current vs. Temperature, Data Rate = 2.5 Mbps
0
5
10
15
20
30
35
40
45
50
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
VIO = 1.62V, VCC = 3.0V
IIO
ICC, 54Ω LOAD
ICC, 120Ω LOAD
ICC, NO LOAD
25
Figure 8. Supply Current vs. Temperature, Data Rate = 2.5 Mbps
–0.14
–0.12
–0.10
–0.08
–0.06
–0.04
–0.02
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
DIFFERENTIAL OUTPUT VOLTAGE (V)
6.0
VIO = VCC = 3.0V
VIO = VCC = 5.5V
VIO = VCC = 4.5V
Figure 9. Driver Output Current vs. Differential Output Voltage
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
TEMPERATURE (°C)
VIO = VCC = 5.5V
Figure 10. Driver Differential Output Voltage vs. Temperature
–0.16
–0.14
–0.12
–0.10
–0.08
–0.06
–0.04
–0.02
0
DRIVER OUTPUT HIGH VOLTAGE (V)
PIN A, VCC = VIO = 3.0V
PIN A, VCC = VIO = 4.5V
PIN A, VCC = VIO = 5.5V
PIN B, VCC = VIO = 3.0V
PIN B, VCC = VIO = 4.5V
PIN B, VCC = VIO = 5.5V
Figure 11. Driver Output Current vs. Driver Output High Voltage
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
DRIVER OUTPUT LOW VOLTAGE (V)
PIN A, VCC = VIO = 3.0V
PIN A, VCC = VIO = 4.5V
PIN A, VCC = VIO = 5.5V
PIN B, VCC = VIO = 3.0V
PIN B, VCC = VIO = 4.5V
PIN B, VCC = VIO = 5.5V
Figure 12. Driver Output Current vs. Driver Output Low Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com