Electronic Components Datasheet Search
  English  ▼

X  

ADM485ARM Datasheet(PDF) 4 Page - Analog Devices

Part # ADM485ARM
Description  5 V Low Power EIA RS-485 Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM485ARM Datasheet(HTML) 4 Page - Analog Devices

  ADM485ARM Datasheet HTML 1Page - Analog Devices ADM485ARM Datasheet HTML 2Page - Analog Devices ADM485ARM Datasheet HTML 3Page - Analog Devices ADM485ARM Datasheet HTML 4Page - Analog Devices ADM485ARM Datasheet HTML 5Page - Analog Devices ADM485ARM Datasheet HTML 6Page - Analog Devices ADM485ARM Datasheet HTML 7Page - Analog Devices ADM485ARM Datasheet HTML 8Page - Analog Devices ADM485ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADM485
Rev. F | Page 4 of 16
TIMING SPECIFICATIONS
VCC = 5 V ± 5%, all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
Propagation Delay Input to Output, tPLH, tPHL
2
10
15
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, see Figure 22
Driver Output to OUTPUT, tSKEW
1
5
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, see Figure 22
Driver Rise/Fall Time, tR, tF
8
15
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, see Figure 22
Driver Enable to Output Valid
10
25
ns
RL = 110 Ω, CL = 50 pF, see Figure 23
Driver Disable Timing
10
25
ns
RL = 110 Ω, CL = 50 pF, see Figure 23
Matched Enable Switching |tZH − tZL|
0
2
ns
RL = 110 Ω, CL = 50 pF, see Figure 231
Matched Disable Switching |tHZ − tLZ|
0
2
ns
RL = 110 Ω, CL = 50 pF, see Figure 231
RECEIVER
Propagation Delay Input to Output, tPLH, tPHL
8
15
30
ns
CL = 15 pF, see Figure 24
Skew |tPLH − tPHL|
5
ns
CL = 15 pF, see Figure 24
Receiver Enable, tZH, tZL
5
20
ns
CL = 15 pF, RL = 1 kΩ, see Figure 25
Receiver Disable, tHZ, tLZ
5
20
ns
CL = 15 pF, RL = 1 kΩ, see Figure 25
Tx Pulse Width Distortion
1
ns
Rx Pulse Width Distortion
1
ns
1 Guaranteed by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com