Electronic Components Datasheet Search
  English  ▼

X  

ADM485ARM Datasheet(PDF) 7 Page - Analog Devices

Part # ADM485ARM
Description  5 V Low Power EIA RS-485 Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM485ARM Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM485ARM Datasheet HTML 3Page - Analog Devices ADM485ARM Datasheet HTML 4Page - Analog Devices ADM485ARM Datasheet HTML 5Page - Analog Devices ADM485ARM Datasheet HTML 6Page - Analog Devices ADM485ARM Datasheet HTML 7Page - Analog Devices ADM485ARM Datasheet HTML 8Page - Analog Devices ADM485ARM Datasheet HTML 9Page - Analog Devices ADM485ARM Datasheet HTML 10Page - Analog Devices ADM485ARM Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADM485
Rev. F | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
RECEIVER OUTPUT LOW VOLTAGE (V)
50
0
45
30
25
20
15
10
5
0
40
35
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
Figure 3. Output Current vs. Receiver Output Low Voltage
RECEIVER OUTPUT HIGH VOLTAGE (V)
0
3.50
3.75
4.00
4.25
4.50
4.75
5.00
–2
–4
–6
–8
–10
–12
–14
–16
–18
Figure 4. Output Current vs. Receiver Output High Voltage
TEMPERATURE (°C)
4.55
–50
–25
0
25
50
75
100
125
I = 8mA
4.50
4.45
4.40
4.35
4.30
4.25
4.20
4.15
Figure 5. Receiver Output High Voltage vs. Temperature
TEMPERATURE (°C)
0.40
0.35
0.15
–50
0.20
–25
0
25
50
75
100
125
I = 8mA
0.25
0.30
Figure 6. Receiver Output Low Voltage vs. Temperature
DRIVER DIFFERENTIAL OUTPUT VOLTAGE (V)
90
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
10
20
30
40
50
60
70
80
Figure 7. Output Current vs. Driver Differential Output Voltage
TEMPERATURE (°C)
2.15
–50
–25
0
25
50
75
100
125
1.90
1.95
2.00
2.05
2.10
RL = 26.8Ω
Figure 8. Driver Differential Output Voltage vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com