Electronic Components Datasheet Search
  English  ▼

X  

ADM485ARM Datasheet(PDF) 8 Page - Analog Devices

Part # ADM485ARM
Description  5 V Low Power EIA RS-485 Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM485ARM Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM485ARM Datasheet HTML 4Page - Analog Devices ADM485ARM Datasheet HTML 5Page - Analog Devices ADM485ARM Datasheet HTML 6Page - Analog Devices ADM485ARM Datasheet HTML 7Page - Analog Devices ADM485ARM Datasheet HTML 8Page - Analog Devices ADM485ARM Datasheet HTML 9Page - Analog Devices ADM485ARM Datasheet HTML 10Page - Analog Devices ADM485ARM Datasheet HTML 11Page - Analog Devices ADM485ARM Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADM485
Rev. F | Page 8 of 16
DRIVER OUTPUT LOW VOLTAGE (V)
100
0
04.0
4
3.0
3.5
2.0
2.5
1.0
0.5
1.5
.5
|
tPLH – tPHL |
TEMPERATURE (°C)
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
–50
–25
0
25
50
75
100
125
90
60
50
30
10
80
70
40
20
Figure 9. Output Current vs. Driver Output Low Voltage
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
DRIVER OUTPUT HIGH VOLTAGE (V)
Figure 10. Output Current vs. Driver Output High Voltage
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
1.0
0.9
0.7
0.5
DRIVER ENABLED
DRIVER DISABLED
1.1
0.8
0.6
Figure 11. Supply Current vs. Temperature
Figure 12. Receiver Skew vs. Temperature
TEMPERATURE (°C)
1
0
2
3
4
5
6
|
tPHLA– tPHLB |
–50
–25
0
25
50
75
100
125
|
tPLHA– tPLHB |
Figure 13. Driver Skew vs. Temperature
TEMPERATURE (°C)
1.2
0.8
0.6
0.4
0.2
0
1.0
1.4
–50
–25
0
25
50
75
100
125
150
|
tPLH – tPHL |
Figure 14. Driver Pulse Width Distortion (PWD) vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com