Electronic Components Datasheet Search
  English  ▼

X  

ADM485ARM Datasheet(PDF) 1 Page - Analog Devices

Part # ADM485ARM
Description  5 V Low Power EIA RS-485 Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM485ARM Datasheet(HTML) 1 Page - Analog Devices

  ADM485ARM Datasheet HTML 1Page - Analog Devices ADM485ARM Datasheet HTML 2Page - Analog Devices ADM485ARM Datasheet HTML 3Page - Analog Devices ADM485ARM Datasheet HTML 4Page - Analog Devices ADM485ARM Datasheet HTML 5Page - Analog Devices ADM485ARM Datasheet HTML 6Page - Analog Devices ADM485ARM Datasheet HTML 7Page - Analog Devices ADM485ARM Datasheet HTML 8Page - Analog Devices ADM485ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
5 V Low Power
EIA RS-485 Transceiver
ADM485
Rev. F
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1993–2008 Analog Devices, Inc. All rights reserved.
FEATURES
Meets EIA RS-485 standard
5 Mbps data rate
Single 5 V supply
–7 V to +12 V bus common-mode range
High speed, low power BiCMOS
Thermal shutdown protection
Short-circuit protection
Driver propagation delay: 10 ns typical
Receiver propagation delay: 15 ns typical
High-Z outputs with power off
Superior upgrade for LTC485
APPLICATIONS
Low power RS-485 systems
DTE/DCE interface
Packet switching
Local area networks (LNAs)
Data concentration
Data multiplexers
Integrated services digital network (ISDN)
FUNCTIONAL BLOCK DIAGRAM
A
GND
B
VCC
R
D
RO
RE
DE
DI
ADM485
1
2
3
4
8
7
6
5
Figure 1.
GENERAL DESCRIPTION
The ADM485 is a differential line transceiver suitable for high
speed bidirectional data communication on multipoint bus
transmission lines. It is designed for balanced data transmission
and complies with EIA standards RS-485 and RS-422. The part
contains a differential line driver and a differential line receiver.
Both the driver and the receiver can be enabled independently.
When disabled, the outputs are three-stated.
The ADM485 operates from a single 5 V power supply.
Excessive power dissipation caused by bus contention or by
output shorting is prevented by a thermal shutdown circuit. If
during fault conditions, a significant temperature increase is
detected in the internal driver circuitry, this feature forces the
driver output into a high impedance state.
Up to 32 transceivers can be connected simultaneously on a
bus, but only one driver should be enabled at any time. It is
important, therefore, that the remaining disabled drivers do not
load the bus. To ensure this, the ADM485 driver features high
output impedance when disabled and when powered down,
which minimizes the loading effect when the transceiver is not
being used. The high impedance driver output is maintained
over the common-mode voltage range of −7 V to +12 V.
The receiver contains a fail-safe feature that results in a logic
high output state if the inputs are unconnected (floating).
The ADM485 is fabricated on BiCMOS, an advanced mixed
technology process combining low power CMOS with fast
switching bipolar technology. All inputs and outputs contain
protection against ESD; all driver outputs feature high source
and sink current capability. An epitaxial layer is used to guard
against latch-up.
The ADM485 features extremely fast switching speeds. Minimal
driver propagation delays permit transmission at data rates up
to 5 Mbps while low skew minimizes EMI interference.
The part is fully specified over the commercial and industrial
temperature range and is available in 8-lead PDIP, 8-lead SOIC,
and small footprint, 8-lead MSOP packages.


Similar Part No. - ADM485ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM485ARM AD-ADM485ARM Datasheet
607Kb / 16P
Meets EIA RS-485 standard
Rev. F
ADM485ARM-REEL AD-ADM485ARM-REEL Datasheet
607Kb / 16P
Meets EIA RS-485 standard
Rev. F
ADM485ARM-REEL7 AD-ADM485ARM-REEL7 Datasheet
607Kb / 16P
Meets EIA RS-485 standard
Rev. F
ADM485ARMZ-REEL1 AD-ADM485ARMZ-REEL1 Datasheet
607Kb / 16P
Meets EIA RS-485 standard
Rev. F
ADM485ARMZ-REEL71 AD-ADM485ARMZ-REEL71 Datasheet
607Kb / 16P
Meets EIA RS-485 standard
Rev. F
More results

Similar Description - ADM485ARM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS36C278 NSC-DS36C278 Datasheet
583Kb / 10P
Low Power Multipoint EIA-RS-485 Transceiver
logo
Analog Devices
ADM1485 AD-ADM1485 Datasheet
139Kb / 8P
-5 V Low Power EIA RS-485 Transceiver
REV.A
ADM1486 AD-ADM1486 Datasheet
151Kb / 8P
5 V Low Power RS-485 PROFIBUS Transceiver
REV.B
ADM485 AD-ADM485 Datasheet
133Kb / 8P
5 V Low Power EIA RS-485 Transceiver
REV.A
ADM1485 AD-ADM1485_12 Datasheet
356Kb / 11P
5 V Low Power EIA RS-485 Transceiver
REV. F
ADM485 AD-ADM485_15 Datasheet
607Kb / 16P
5 V Low Power EIA RS-485 Transceiver
Rev. F
ADM1485 AD-ADM1485_15 Datasheet
356Kb / 11P
5 V Low Power EIA RS-485 Transceiver
Rev. F
ADM3485E AD-ADM3485E_15 Datasheet
303Kb / 16P
EIA RS-485/RS-422 Transceiver
Rev. D
logo
Texas Instruments
DS36C278 TI1-DS36C278_14 Datasheet
862Kb / 16P
DS36C278 Low Power Multipoint EIA-RS-485 Transceiver
logo
Analog Devices
ADM1485 AD-ADM1485_V01 Datasheet
356Kb / 11P
5 V Low Power EIA RS-485 Transceiver
REV. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com