Electronic Components Datasheet Search
  English  ▼

X  

ADM485ARM Datasheet(PDF) 5 Page - Analog Devices

Part # ADM485ARM
Description  5 V Low Power EIA RS-485 Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM485ARM Datasheet(HTML) 5 Page - Analog Devices

  ADM485ARM Datasheet HTML 1Page - Analog Devices ADM485ARM Datasheet HTML 2Page - Analog Devices ADM485ARM Datasheet HTML 3Page - Analog Devices ADM485ARM Datasheet HTML 4Page - Analog Devices ADM485ARM Datasheet HTML 5Page - Analog Devices ADM485ARM Datasheet HTML 6Page - Analog Devices ADM485ARM Datasheet HTML 7Page - Analog Devices ADM485ARM Datasheet HTML 8Page - Analog Devices ADM485ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADM485
Rev. F | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VCC
−0.3 V to +7 V
Inputs
Driver Input (DI)
−0.3 V to VCC + 0.3 V
Control Inputs (DE, RE)
−0.3 V to VCC + 0.3 V
Receiver Inputs (A, B)
−9 V to +14 V
Outputs
Driver Outputs (A, B)
−9 V to +14 V
Receiver Output
−0.5 V to VCC + 0.5 V
Power Dissipation 8-Lead MSOP
900 mW
θJA, Thermal Impedance
206°C/W
Power Dissipation 8-Lead PDIP
500 mW
θJA, Thermal Impedance
130°C/W
Power Dissipation 8-Lead SOIC
450 mW
θJA, Thermal Impedance
170°C/W
Operating Temperature Range
Commercial Range (J Version)
0°C to 70°C
Industrial Range (A Version)
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 sec)
300°C
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 4. Transmitting
Inputs
Outputs
DE
DI
B
A
1
1
0
1
1
0
1
0
0
X1
Z2
Z2
1 X = don’t care.
2 Z = high impedance.
Table 5. Receiving
RE
Input A − Input B
Output RO
0
≥ +0.2 V
1
0
≤ −0.2 V
0
0
Inputs open
1
1
X1
Z2
1 X = don’t care.
2 Z = high impedance.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com