Electronic Components Datasheet Search
  English  ▼

X  

ADM485ARM Datasheet(PDF) 6 Page - Analog Devices

Part # ADM485ARM
Description  5 V Low Power EIA RS-485 Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM485ARM Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM485ARM Datasheet HTML 2Page - Analog Devices ADM485ARM Datasheet HTML 3Page - Analog Devices ADM485ARM Datasheet HTML 4Page - Analog Devices ADM485ARM Datasheet HTML 5Page - Analog Devices ADM485ARM Datasheet HTML 6Page - Analog Devices ADM485ARM Datasheet HTML 7Page - Analog Devices ADM485ARM Datasheet HTML 8Page - Analog Devices ADM485ARM Datasheet HTML 9Page - Analog Devices ADM485ARM Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADM485
Rev. F | Page 6 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
ADM485
TOP VIEW
(Not to Scale)
RO 1
RE 2
DE 3
DI 4
VCC
8
B
7
A
6
GND
5
Figure 2. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Function
1
RO
Receiver Output. When enabled, if A is greater than B by 200 mV, RO is high. If A is less than B by 200 mV, RO is low.
2
RE
Receiver Output Enable. A low level enables the receiver output, RO. A high level places it in a high impedance state.
3
DE
Driver Output Enable. A high level enables the driver differential outputs, A and B. A low level places it in a high
impedance state.
4
DI
Driver Input. When the driver is enabled, a logic low on DI forces A low and B high, while a logic high on DI forces
A high and B low.
5
GND
Ground Connection, 0 V.
6
A
Noninverting Receiver Input A/Driver Output A.
7
B
Inverting Receiver Input B/Driver Output B.
8
VCC
Power Supply, 5 V ± 5%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com