Electronic Components Datasheet Search
  English  ▼

X  

MPC855T Datasheet(PDF) 15 Page - NXP Semiconductors

Part # MPC855T
Description  MPC860 PowerQUICC Family Hardware Specifications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC855T Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button MPC855T Datasheet HTML 11Page - NXP Semiconductors MPC855T Datasheet HTML 12Page - NXP Semiconductors MPC855T Datasheet HTML 13Page - NXP Semiconductors MPC855T Datasheet HTML 14Page - NXP Semiconductors MPC855T Datasheet HTML 15Page - NXP Semiconductors MPC855T Datasheet HTML 16Page - NXP Semiconductors MPC855T Datasheet HTML 17Page - NXP Semiconductors MPC855T Datasheet HTML 18Page - NXP Semiconductors MPC855T Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 77 page
background image
MPC860 PowerQUICC Family Hardware Specifications, Rev. 10
Freescale Semiconductor
15
Bus Signal Timing
9
Bus Signal Timing
Table 7 provides the bus operation timing for the MPC860 at 33, 40, 50, and 66 MHz.
The maximum bus speed supported by the MPC860 is 66 MHz. Higher-speed parts must be operated in
half-speed bus mode (for example, an MPC860 used at 80 MHz must be configured for a 40-MHz bus).
The timing for the MPC860 bus shown assumes a 50-pF load for maximum delays and a 0-pF load for
minimum delays.
Table 7. Bus Operation Timings
Num
Characteristic
33 MHz
40 MHz
50 MHz
66 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max
B1
CLKOUT period
30.30
30.30
25.00
30.30
20.00
30.30
15.15
30.30
ns
B1a
EXTCLK to CLKOUT phase skew
(EXTCLK > 15 MHz and MF <= 2)
–0.90
0.90
–0.90
0.90
–0.90
0.90
–0.90
0.90
ns
B1b
EXTCLK to CLKOUT phase skew
(EXTCLK > 10 MHz and MF < 10)
–2.30
2.30
–2.30
2.30
–2.30
2.30
–2.30
2.30
ns
B1c
CLKOUT phase jitter (EXTCLK > 15 MHz
and MF <= 2)1
–0.60
0.60
–0.60
0.60
–0.60
0.60
–0.60
0.60
ns
B1d
CLKOUT phase jitter1
–2.00
2.00
–2.00
2.00
–2.00
2.00
–2.00
2.00
ns
B1e
CLKOUT frequency jitter (MF < 10)1
—
0.50
—
0.50
—
0.50
—
0.50
%
B1f
CLKOUT frequency jitter (10 < MF < 500)1
—
2.00
—
2.00
—
2.00
—
2.00
%
B1g
CLKOUT frequency jitter (MF > 500)1
—
3.00
—
3.00
—
3.00
—
3.00
%
B1h
Frequency jitter on EXTCLK2
—
0.50
—
0.50
—
0.50
—
0.50
%
B2
CLKOUT pulse width low
12.12
—
10.00
—
8.00
—
6.06
—
ns
B3
CLKOUT width high
12.12
—
10.00
—
8.00
—
6.06
—
ns
B4
CLKOUT rise time3
—
4.00
—
4.00
—
4.00
—
4.00
ns
B533
CLKOUT fall time3
—
4.00
—
4.00
—
4.00
—
4.00
ns
B7
CLKOUT to A(0:31), BADDR(28:30),
RD/WR, BURST, D(0:31), DP(0:3) invalid
7.58
—
6.25
—
5.00
—
3.80
—
ns
B7a
CLKOUT to TSIZ(0:1), REG, RSV, AT(0:3),
BDIP, PTR invalid
7.58
—
6.25
—
5.00
—
3.80
—
ns
B7b
CLKOUT to BR, BG, FRZ, VFLS(0:1),
VF(0:2) IWP(0:2), LWP(0:1), STS invalid 4
7.58
—
6.25
—
5.00
—
3.80
—
ns
B8
CLKOUT to A(0:31), BADDR(28:30)
RD/WR, BURST, D(0:31), DP(0:3) valid
7.58
14.33
6.25
13.00
5.00
11.75
3.80
10.04
ns
B8a
CLKOUT to TSIZ(0:1), REG, RSV, AT(0:3)
BDIP, PTR valid
7.58
14.33
6.25
13.00
5.00
11.75
3.80
10.04
ns
B8b
CLKOUT to BR, BG, VFLS(0:1), VF(0:2),
IWP(0:2), FRZ, LWP(0:1), STS valid 4
7.58
14.33
6.25
13.00
5.00
11.75
3.80
10.04
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com