Electronic Components Datasheet Search
  English  ▼

X  

MPC855T Datasheet(PDF) 58 Page - NXP Semiconductors

Part # MPC855T
Description  MPC860 PowerQUICC Family Hardware Specifications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC855T Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button MPC855T Datasheet HTML 54Page - NXP Semiconductors MPC855T Datasheet HTML 55Page - NXP Semiconductors MPC855T Datasheet HTML 56Page - NXP Semiconductors MPC855T Datasheet HTML 57Page - NXP Semiconductors MPC855T Datasheet HTML 58Page - NXP Semiconductors MPC855T Datasheet HTML 59Page - NXP Semiconductors MPC855T Datasheet HTML 60Page - NXP Semiconductors MPC855T Datasheet HTML 61Page - NXP Semiconductors MPC855T Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 77 page
background image
MPC860 PowerQUICC Family Hardware Specifications, Rev. 10
58
Freescale Semiconductor
CPM Electrical Characteristics
Figure 59. Ethernet Collision Timing Diagram
Figure 60. Ethernet Receive Timing Diagram
135
RSTRT active delay (from TCLK1 falling edge)
10
50
ns
136
RSTRT inactive delay (from TCLK1 falling edge)
10
50
ns
137
REJECT width low
1
—
CLK
138
CLKO1 low to SDACK asserted2
—20
ns
139
CLKO1 low to SDACK negated2
—20
ns
1 The ratios SYNCCLK/RCLK1 and SYNCCLK/TCLK1 must be greater than or equal to 2/1.
2 SDACK is asserted whenever the SDMA writes the incoming frame DA into memory.
Table 22. Ethernet Timing (continued)
Num
Characteristic
All Frequencies
Unit
Min
Max
CLSN(CTS1)
120
(Input)
RCLK1
121
RxD1
(Input)
121
RENA(CD1)
(Input)
125
124
123
127
126
Last Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com