Electronic Components Datasheet Search
  English  ▼

X  

MPC855T Datasheet(PDF) 38 Page - NXP Semiconductors

Part # MPC855T
Description  MPC860 PowerQUICC Family Hardware Specifications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC855T Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button MPC855T Datasheet HTML 34Page - NXP Semiconductors MPC855T Datasheet HTML 35Page - NXP Semiconductors MPC855T Datasheet HTML 36Page - NXP Semiconductors MPC855T Datasheet HTML 37Page - NXP Semiconductors MPC855T Datasheet HTML 38Page - NXP Semiconductors MPC855T Datasheet HTML 39Page - NXP Semiconductors MPC855T Datasheet HTML 40Page - NXP Semiconductors MPC855T Datasheet HTML 41Page - NXP Semiconductors MPC855T Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 77 page
background image
MPC860 PowerQUICC Family Hardware Specifications, Rev. 10
38
Freescale Semiconductor
Bus Signal Timing
Table 11 shows the debug port timing for the MPC860.
Figure 30 provides the input timing for the debug port clock.
Figure 30. Debug Port Clock Input Timing
Figure 31 provides the timing for the debug port.
Figure 31. Debug Port Timings
Table 11. Debug Port Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
P61
DSCK cycle time
3
× T
CLOCKOUT
——
P62
DSCK clock pulse width
1.25
× T
CLOCKOUT
——
P63
DSCK rise and fall times
0.00
3.00
ns
P64
DSDI input data setup time
8.00
—
ns
P65
DSDI data hold time
5.00
—
ns
P66
DSCK low to DSDO data valid
0.00
15.00
ns
P67
DSCK low to DSDO invalid
0.00
2.00
ns
DSCK
D61
D61
D63
D62
D62
D63
DSCK
DSDI
DSDO
D64
D65
D66
D67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com