Electronic Components Datasheet Search
  English  ▼

X  

LTC4286 Datasheet(PDF) 34 Page - Analog Devices

Part # LTC4286
Description  High Power Positive Hot-Swap Controller with Power Monitor via PMBus
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4286 Datasheet(HTML) 34 Page - Analog Devices

Back Button LTC4286 Datasheet HTML 30Page - Analog Devices LTC4286 Datasheet HTML 31Page - Analog Devices LTC4286 Datasheet HTML 32Page - Analog Devices LTC4286 Datasheet HTML 33Page - Analog Devices LTC4286 Datasheet HTML 34Page - Analog Devices LTC4286 Datasheet HTML 35Page - Analog Devices LTC4286 Datasheet HTML 36Page - Analog Devices LTC4286 Datasheet HTML 37Page - Analog Devices LTC4286 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
Data Sheet
LTC4286
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 34 of 44
Table 31. MFR_OP_FAULT_RESPONSE (0xD7) R/W (Continued)
Bit
Name
Default
Operation
00
Ignore fault.
10
Device shut down and responds
accordingly to retry settings.
[2:0]
OP_FAULT_RETRY
000
Configures Retry options for OP1 or OP2 fault.
Value
Meaning
000
Latchoff
001
1 retry
010
2 retries
011
3 retries
100
4 retries
101
5 retries
110
6 retries
111
∞ retries
Table 32. MFR_ADC_CONFIG (0xD8) R/W
Bit
Name
Default
Operation
7
Reserved
0
Reserved for future use. Only write 0.
6
Reserved
0
Always returns 0.
5
Reserved
0
Reserved for future use. Only write 0.
4
Reserved
0
Reserved for future use. Only write 0.
3
Reserved
0
Reserved for future use. Only write 0.
2
Reserved
0
Reserved for future use. Only write 0.
1
VDS_SELECT
0
Enables VDS as an Auxiliary Input for ADC Measurement.
0
VIN_VOUT_SELECT
1
Enables VIN or VOUT as an auxiliary input for ADC Measurement. The choice between the two
depends on VPWR_SELECT in MFR_CONFIG1. If VIN is selected in VPWR_SELECT, then VOUT
is available as an auxiliary input. In the opposite case, VIN is available as an auxiliary input.
Table 33. MFR_AVG_SEL (0xD9) R/W
Bit
Name
Default
Operation
7
DISP_AVG
1
1 selects averaged values for READ_VIN, READ_VOUT, READ_IOUT and
READ_PIN, 0 selects unaveraged values.
[6:4]
Reserved
000
Always returns 000.
[3:0]
ADC_AVERAGE_SELECT
0101
Selects number of ADC samples per average. For more details, see Table 34.
Table 34. ADC_AVERAGE_SELECT Options
Value
Samples
Average Time
0000
2
0.566 ms
0001
4
1.13 ms
0010
8
2.27 ms
0011
16
4.53 ms
0100
32
9.06 ms
0101
64
18.1 ms
0110
128
36.3 ms
0111
256
72.5 ms
1000
512
145 ms
1001
1024
290 ms
1010
2048
580 ms
1011
4096
1.16 sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com