Electronic Components Datasheet Search
  English  ▼

X  

LTC4286 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC4286
Description  High Power Positive Hot-Swap Controller with Power Monitor via PMBus
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4286 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC4286 Datasheet HTML 20Page - Analog Devices LTC4286 Datasheet HTML 21Page - Analog Devices LTC4286 Datasheet HTML 22Page - Analog Devices LTC4286 Datasheet HTML 23Page - Analog Devices LTC4286 Datasheet HTML 24Page - Analog Devices LTC4286 Datasheet HTML 25Page - Analog Devices LTC4286 Datasheet HTML 26Page - Analog Devices LTC4286 Datasheet HTML 27Page - Analog Devices LTC4286 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
Data Sheet
LTC4286
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 24 of 44
Table 10. LTC4286 PMBus Command Summary (Continued)
Command Name
CMD
Code
Description
Type1
Data Format2 Unit2
Default Value2
MFR_GPI_DATA
0xF8
Input values for the GPIO1 to GPIO8.
R byte
Register
N/A
N/A
MFR_GPO_DATA
0xF9
Output values for the GPIO1 to GPIO8.
R/W byte
Register
N/A
0xFF
MFR_REBOOT_CONTROL
0xFD
Enables reboot and configures initialization options.
R/W byte
Register
N/A
0x00
MFR_IOUT
0xFE00
IOUT value, no averaging.
R word
Direct
A
N/A
MFR_IOUT_UC_LIMIT
0xFE04
Limit for IOUT undercurrent warning.
R/W word
Direct
A
0x0000
MFR_IOUT_OC_LIMIT
0xFE05
Limit for IOUT overcurrent warning.
R/W word
Direct
A
0x7FFF
MFR_PIN
0xFE08
PIN value, no averaging.
R word
Direct
W
N/A
MFR_PIN_UP_LIMIT
0xFE0C
Limit for PIN underpower warning.
R/W word
Direct
W
0x0000
MFR_PIN_OP_LIMIT
0xFE0D
Limit for PIN overpower warning.
R/W word
Direct
W
0x7FFF
MFR_VIN
0xFE10
VIN value, no averaging.
R word
Direct
V
N/A
MFR_VIN_UV_LIMIT
0xFE14
Limit for VIN undervoltage warning.
R/W word
Direct
V
0x0000
MFR_VIN_OV_LIMIT
0xFE15
Limit for VIN overvoltage warning.
R/W word
Direct
V
0x7FFF
MFR_VOUT
0xFE18
VOUT value, no averaging.
R word
Direct
V
N/A
MFR_VOUT_UV_LIMIT
0xFE1C
Limit for VOUT undervoltage warning.
R/W word
Direct
V
0x0000
MFR_VOUT_OV_LIMIT
0xFE1D
Limit for VOUT overvoltage warning.
R/W word
Direct
V
0x7FFF
MFR_VDS
0xFE20
VDS value, no averaging.
R word
Direct
V
N/A
MFR_VDS_UV_LIMIT
0xFE24
Limit for VDS undervoltage warning.
R/W word
Direct
V
0x0000
MFR_VDS_OV_LIMIT
0xFE25
Limit for VDS overvoltage warning.
R/W word
Direct
V
0x7FFF
MFR_TEMP
0xFE48
TEMP value, no averaging.
R word
Direct
°K
N/A
MFR_TEMP_UT_LIMIT
0xFE4C
Limit for TEMP undertemperature warning.
R/W word
Direct
°K
0x0000
MFR_TEMP_OT_LIMIT
0xFE4D
Limit for TEMP overtemperature warning.
R/W word
Direct
°K
0x7FFF
MFR_PIN_OP1_FAULT_LIMIT
0xFE58
Limit for PIN over-power timed fault.
R/W word
Direct
W
0x7FFF
MFR_PIN_OP2_FAULT_LIMIT
0xFE59
Limit for PIN over-power immediate fault.
R/W word
Direct
W
0x7FFF
MFR_STATUS_BYTE
0xFEC0
One byte summary of the unit’s fault condition.
R/W1S byte
Register
N/A
0x00
MFR_STATUS_WORD_HIGH
0xFEC1
Upper byte of STATUS_WORD.
R/W1S byte
Register
N/A
0x00
MFR_STATUS_VOUT
0xFEC2
Provides status information for faults and warnings
related to VOUT (SOURCE pin).
R/W1S byte
Register
N/A
0x00
MFR_STATUS_IOUT
0xFEC3
Provides status information for faults and warnings
related to IOUT.
R/W1S byte
Register
N/A
0x00
MFR_STATUS_INPUT
0xFEC4
Provides status information for faults and warnings
related to VIN and PIN (VDD pin).
R/W1S byte
Register
N/A
0x00
MFR_STATUS_TEMP
0xFEC5
Provides status information for faults and warnings
related to temperature.
R/W1S byte
Register
N/A
0x00
MFR_STATUS_CML
0xFEC6
Provides status information for faults and warnings
related to communication faults.
R/W1S byte
Register
N/A
0x00
MFR_STATUS_OTHER
0xFEC7
Other status faults.
R/W1S byte
Register
N/A
0x00
MFR_SPECIFIC_STATUS
0xFEC8
Provides status information for manufacturer specific
faults and warnings.
R/W1S byte
Register
N/A
0x00
MFR_SYS_STAT1_SET
0xFECA
Provides manufacturer specific status information.
R/W1S word
Register
N/A
0x0000
MFR_SYS_STAT2_SET
0xFECC
Provides manufacturer system warning information.
R/W1S word
Register
N/A
0x0000
MFR_BYTE_ALERT_MASK
0xFED0
Alert mask for STATUS_BYTE.
R/W byte
Register
N/A
0x80
MFR_VOUT_ALERT_MASK
0xFED2
Alert mask for STATUS_VOUT.
R/W byte
Register
N/A
0x60
MFR_IOUT_ALERT_MASK
0xFED3
Alert mask for STATUS_IOUT.
R/W byte
Register
N/A
0xA0
MFR_INPUT_ALERT_MASK
0xFED4
Alert mask for STATUS_INPUT.
R/W byte
Register
N/A
0xF1
MFR_TEMP_ALERT_MASK
0xFED5
Alert mask for STATUS_TEMPERATURE.
R/W byte
Register
N/A
0xE0
MFR_CML_ALERT_MASK
0xFED6
Alert mask for STATUS_CML.
R/W byte
Register
N/A
0xE3
MFR_SPECIFIC_ALERT_MASK
0xFED8
Alert mask for STATUS_MFR_SPECIFIC.
R/W byte
Register
N/A
0xFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com