Electronic Components Datasheet Search
  English  ▼

X  

LTC4286 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC4286
Description  High Power Positive Hot-Swap Controller with Power Monitor via PMBus
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4286 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC4286 Datasheet HTML 17Page - Analog Devices LTC4286 Datasheet HTML 18Page - Analog Devices LTC4286 Datasheet HTML 19Page - Analog Devices LTC4286 Datasheet HTML 20Page - Analog Devices LTC4286 Datasheet HTML 21Page - Analog Devices LTC4286 Datasheet HTML 22Page - Analog Devices LTC4286 Datasheet HTML 23Page - Analog Devices LTC4286 Datasheet HTML 24Page - Analog Devices LTC4286 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
Data Sheet
LTC4286
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 21 of 44
Figure 33. Block Read
Figure 34. Block Read with PEC
Table 9. LTC4286 Device Addressing
Description
Hex Device Address
Binary Device Address
LTC4286 Address Pins1
7-bit†
8-bit2
6
5
4
3
2
1
0
R/W No.
ADR1
ADR0
Mass Write
0F
1E
0
0
0
1
1
1
1
0
X
X
Alert Response
0C
19
0
0
0
1
1
0
0
1
X
X
0
40
80
1
0
0
0
0
0
0
X
L
L
1
41
82
1
0
0
0
0
0
1
X
L
NC
2
42
84
1
0
0
0
0
1
0
X
L
H
3
43
86
1
0
0
0
0
1
1
X
NC
L
4
44
88
1
0
0
0
1
0
0
X
NC
NC
5
45
8A
1
0
0
0
1
0
1
X
NC
H
6
46
8C
1
0
0
0
1
1
0
X
H
L
7
47
8E
1
0
0
0
1
1
1
X
H
NC
8
11
22
0
0
1
0
0
0
1
X
H
H
1 H = connect to INTVCC, L = connect to GND, NC = no connect or open, and X = do not care.
2 8-bit hexadecimal address with LSB R/W bit = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com