Electronic Components Datasheet Search
  English  ▼

X  

LTC4286 Datasheet(PDF) 42 Page - Analog Devices

Part # LTC4286
Description  High Power Positive Hot-Swap Controller with Power Monitor via PMBus
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4286 Datasheet(HTML) 42 Page - Analog Devices

Back Button LTC4286 Datasheet HTML 36Page - Analog Devices LTC4286 Datasheet HTML 37Page - Analog Devices LTC4286 Datasheet HTML 38Page - Analog Devices LTC4286 Datasheet HTML 39Page - Analog Devices LTC4286 Datasheet HTML 40Page - Analog Devices LTC4286 Datasheet HTML 41Page - Analog Devices LTC4286 Datasheet HTML 42Page - Analog Devices LTC4286 Datasheet HTML 43Page - Analog Devices LTC4286 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
Data Sheet
LTC4286
TYPICAL APPLICATION
analog.com
Rev. 0 | 42 of 44
Figure 36. LTC4286 Typical Application
RELATED PARTS
Table 50. Related Part Numbers
Part Number
Description
Comments
LTC4260
Positive high voltage hot-Swap controller with
I2C compatible monitoring
8-bit ADC monitoring current and voltages, supplies from 8.5 V to 80 V, single MOSFET driver.
LTC4238
High voltage high current hot-swap controller
Operates from 6.5 V to 80 V, compatible with LTC4286 with COMM/GPIO5 pins, dual MOSFET
drivers.
ADM1272
High voltage positive hot-swap controller and
digital power monitor with PMBus
Operates from 16 V to 80 V, single MOSFET driver.
LTC4282
High current hot-swap controller with I2C
compatible monitoring
Operates from 2.9 V to 33 V, 12-bit ADC monitoring current, voltage, and power, dual MOSFET
drivers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com