Electronic Components Datasheet Search
  English  ▼

X  

LTC4286 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC4286
Description  High Power Positive Hot-Swap Controller with Power Monitor via PMBus
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4286 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC4286 Datasheet HTML 18Page - Analog Devices LTC4286 Datasheet HTML 19Page - Analog Devices LTC4286 Datasheet HTML 20Page - Analog Devices LTC4286 Datasheet HTML 21Page - Analog Devices LTC4286 Datasheet HTML 22Page - Analog Devices LTC4286 Datasheet HTML 23Page - Analog Devices LTC4286 Datasheet HTML 24Page - Analog Devices LTC4286 Datasheet HTML 25Page - Analog Devices LTC4286 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
Data Sheet
LTC4286
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 22 of 44
PMBUS COMMAND SUMMARY
Table 10. LTC4286 PMBus Command Summary
Command Name
CMD
Code
Description
Type1
Data Format2 Unit2
Default Value2
PAGE
0x00
Any value can be written to PAGE, but the value is not
used by the chip internally. The value written can be
read back.
R/W byte
Register
N/A
0x00
OPERATION
0x01
This command requests the hot-swap to turn on or
off.
R/W byte
Register
N/A
N/A
CLEAR_FAULTS
0x03
This command clears all latched status bits (all
bits shaded in orange or pink in Figure 35).
MFR_PMB_STAT and MFR_SD_CAUSE are also
cleared by this command.
Send byte
N/A
N/A
N/A
WRITE_PROTECT
0x10
Protect the device against unintended PMBus
modifications.
R/W byte
Register
N/A
0x00
CAPABILITY
0x19
Summary of supported optional PMBus features.
R byte
Register
N/A
0xD0
VOUT_OV_WARN_LIMIT
0x42
Sets the overvoltage warning limit for the voltage at
VOUT (SOURCE pin).
R/W word
Direct
V
0x7FFF
VOUT_UV_WARN_LIMIT
0x43
Sets the undervoltage warning limit for the voltage at
VOUT (SOURCE pin).
R/W word
Direct
V
0 V, 0x0000
IOUT_OC_FAULT_RESPONSE
0x47
Action to be taken by the device when an output
overcurrent fault is detected.
R/W byte
Register
N/A
0xC0
IOUT_OC_WARN_LIMIT
0x4A
Sets overcurrent warning limit for IOUT ADC reading.
R/W word
Direct
A
21.3 mV/RSENSE
0x7FFF
OT_FAULT_LIMIT
0x4F
Sets over temperature fault limit for TEMP ADC
reading.
R/W word
Direct
°K
0x7FFF
OT_FAULT_RESPONSE
0x50
Action to be taken by the device when an over
temperature fault is detected.
R/W byte
Register
N/A
0x80
OT_WARN_LIMIT
0x51
Sets overtemperature warn limit for TEMP ADC
reading.
R/W word
Direct
°K
0x7FFF
UT_WARN_LIMIT
0x52
Sets undertemperature warn limit for TEMP ADC
reading.
R/W word
Direct
°K
0x0000
VIN_OV_FAULT_RESPONSE
0x56
Action to be taken by the device when an input
overvoltage fault is detected.
R/W byte
Register
N/A
0xB8
VIN_OV_WARN_LIMIT
0x57
Sets the overvoltage warning limit for the voltage at
the VIN (VDD pin).
R/W word
Direct
V
0x7FFF
VIN_UV_WARN_LIMIT
0x58
Sets the undervoltage warning limit for the voltage at
the VIN (VDD pin).
R/W word
Direct
V
0 V,0x0000
VIN_UV_FAULT_RESPONSE
0x5A
Action to be taken by the device when an input
undervoltage fault is detected.
R/W byte
Register
N/A
0xB8
PIN_OP_WARN_LIMIT
0x6B
Sets overpower warning limit for PIN ADC reading.
R/W word
Direct
W
2.8/RSENSE 0x7FFF
STATUS_BYTE
0x78
One byte summary of the unit’s fault condition.
R/W byte
Register
N/A
0x00
STATUS_WORD
0x79
Two byte summary of the unit’s fault condition.
R/W1C word
Register
N/A
0x0000
STATUS_VOUT
0x7A
Provides status information for faults and warnings
related to VOUT (SOURCE pin).
R/W1C byte
Register
N/A
0x00
STATUS_IOUT
0x7B
Provides status information for faults and warnings
related to IOUT.
R/W1C byte
Register
N/A
0x00
STATUS_INPUT
0x7C
Provides status information for faults and warnings
related to VIN and PIN (VDD pin).
R/W1C byte
Register
N/A
0x00
STATUS_TEMPERATURE
0x7D
Provides status information for faults and warnings
related to temperature.
R/W1C byte
Register
N/A
0x00
STATUS_CML
0x7E
Provides status information for faults and warnings
related to communication faults.
R/W1C byte
Register
N/A
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com