Electronic Components Datasheet Search
  English  ▼

X  

LTC4286 Datasheet(PDF) 39 Page - Analog Devices

Part # LTC4286
Description  High Power Positive Hot-Swap Controller with Power Monitor via PMBus
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4286 Datasheet(HTML) 39 Page - Analog Devices

Back Button LTC4286 Datasheet HTML 35Page - Analog Devices LTC4286 Datasheet HTML 36Page - Analog Devices LTC4286 Datasheet HTML 37Page - Analog Devices LTC4286 Datasheet HTML 38Page - Analog Devices LTC4286 Datasheet HTML 39Page - Analog Devices LTC4286 Datasheet HTML 40Page - Analog Devices LTC4286 Datasheet HTML 41Page - Analog Devices LTC4286 Datasheet HTML 42Page - Analog Devices LTC4286 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
Data Sheet
LTC4286
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 39 of 44
Table 44. MFR_GPIO_INV (0xF4) R/W
Bit
Name
Default
Operation
[15:10]
Reserved
000000
Reserved for future use, write 0 only.
9
RBT_INV
0
Assigns polarity for GPIO input associated with reboot input, 0 = rising edge of GPIO pin triggers
reboot (REBOOT input), 1 = falling edge of GPIO pin triggers reboot (REBOOT# input).
7
INV8
1
Assigns polarity for GPIO8 output, 0 = GPIO8 pin pulls low when specified output bit is low, 1 =
GPIO8 pin pulls low when specified output bit is high.
6
INV7
0
Assigns polarity for GPIO7 output, 0 = GPIO7 pin pulls low when specified output bit is low, 1 =
GPIO7 pin pulls low when specified output bit is high.
5
INV6
0
Assigns polarity for GPIO6 output, 0 = GPIO6 pin pulls low when specified output bit is low, 1 =
GPIO6 pin pulls low when specified output bit is high.
4
INV5
1
Assigns polarity for GPIO5 output, 0 = GPIO5 pin pulls low when specified output bit is low, 1 =
GPIO5 pin pulls low when specified output bit is high.
3
INV4
1
Assigns polarity for GPIO4 output, 0 = GPIO4 pin pulls low when specified output bit is low, 1 =
GPIO4 pin pulls low when specified output bit is high.
2
INV3
0
Assigns polarity for GPIO3 output, 0 = GPIO3 pin pulls low when specified output bit is low, 1 =
GPIO3 pin pulls low when specified output bit is high.
1
INV2
1
Assigns polarity for GPIO2 output, 0 = GPIO2 pin pulls low when specified output bit is low, 1 =
GPIO2 pin pulls low when specified output bit is high.
0
INV1
1
Assigns polarity for GPIO1 output, 0 = GPIO1 pin pulls low when specified output bit is low, 1 =
GPIO1 pin pulls low when specified output bit is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com