Electronic Components Datasheet Search
  English  ▼

X  

AS6C4008 Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS6C4008
Description  512K X 8 BIT LOW POWER CMOS SRAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C4008 Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS6C4008 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AUGUST 2009
AS6C4008
512K X 8 BIT LOW POWER CMOS SRAM
SYMBOL
DESCRIPTION
A0 - A18
Address Inputs
DQ0 – DQ7
Data Inputs/Outputs
CE#
Chip Enable Inputs
WE#
Write Enable Input
OE#
Output Enable Input
VCC
Power Supply
VSS
Ground
NC
No Connection
CONTROL
CIRCUIT
FEATURES
GENERAL DESCRIPTION
Access time : 55 ns
Low power consumption:
Operatingcurrent : 30 mA (TYP.)
Standby current : 4 µA (TYP.)
Single 2.7V ~ 5.5V power supply
All outputs TTL compatible
Fully static operation
Tri-state output
Data retention voltage :1.5V (MIN.)
All products ROHS Compliant
Package : 32-pin 450 mil SOP;32-pin 600 mil P-DIP
32-pin 8mm x 20mm TSOP-I
32-pin 8mm x 13.4mm STSOP
36-ball 6mm x 8mm TFBGA
32-pin 400 mil TSOP-II
The AS6C4008 is a 4,194,304-bit low power
CMOS static random access memory organized as
524,288 words by 8 bits. It is fabricated using very
high performance, high reliability CMOS technology.
Its standby current is stable within the range of
operating temperature.
The AS6C4008 is well designed for very low power
system applications, and particularly well suited for
battery back-up non-volatile memory application.
The AS6C4008 op erates from a single p ower
sup p ly o f 2.7V~ 5.5Vand all inputs and outputs are
fully TTL compatible
PRODUCT FAMILY
Product
Family
Operating
Temperature
Vcc Range
Speed
Power Dissipation
Standby(ISB1TYP.)
Operating(Icc,TYP.)
AS6C4008
-40 ~ +85 ℃
2.7 ~ 5.5V
55ns
4µA(LL)
30mA
FUNCTIONAL BLOCK DIAGRAM
PIN DESCRIPTION**
Vcc
Vss
A0-A18
DECODER
512Kx8
MEMORY ARRAY
DQ0-DQ7
I/O DATA
CIRCUIT
COLUMN I/O
CE#
WE#
OE#
Page 1 of 14
AUG/09, v 1.4
Alliance Memory Inc


Similar Part No. - AS6C4008

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6C4008 ALSC-AS6C4008 Datasheet
2Mb / 15P
512K X 8 BIT LOW POWER CMOS SRAM
AS6C4008-55BIN ALSC-AS6C4008-55BIN Datasheet
2Mb / 15P
512K X 8 BIT LOW POWER 512K X 8 BIT LOW POWER CMOS SRAM
AS6C4008-55PCN ALSC-AS6C4008-55PCN Datasheet
2Mb / 15P
512K X 8 BIT LOW POWER 512K X 8 BIT LOW POWER CMOS SRAM
AS6C4008-55SIN ALSC-AS6C4008-55SIN Datasheet
2Mb / 15P
512K X 8 BIT LOW POWER 512K X 8 BIT LOW POWER CMOS SRAM
AS6C4008-55STIN ALSC-AS6C4008-55STIN Datasheet
2Mb / 15P
512K X 8 BIT LOW POWER 512K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - AS6C4008

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6C4008 ALSC-AS6C4008 Datasheet
2Mb / 15P
512K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62L5128 LYONTEK-LY62L5128 Datasheet
248Kb / 17P
512K X 8 BIT LOW POWER CMOS SRAM
LY62W5128 LYONTEK-LY62W5128 Datasheet
170Kb / 11P
512K X 8 BIT LOW POWER CMOS SRAM
LY625128 LYONTEK-LY625128 Datasheet
249Kb / 18P
512K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C4008-55TIN ALSC-AS6C4008-55TIN Datasheet
2Mb / 15P
512K X 8 BIT LOW POWER 512K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62L5128 LYONTEK-LY62L5128_12 Datasheet
404Kb / 17P
512K X 8 BIT LOW POWER CMOS SRAM
LY62W5128 LYONTEK-LY62W5128_13 Datasheet
760Kb / 17P
512K X 8 BIT LOW POWER CMOS SRAM
LY625128 LYONTEK-LY625128_12 Datasheet
309Kb / 17P
512K X 8 BIT LOW POWER CMOS SRAM
LY62W5128 LYONTEK-LY62W5128_17 Datasheet
1Mb / 23P
512K X 8 BIT LOW POWER CMOS SRAM
LY625128 LYONTEK-LY625128_16 Datasheet
921Kb / 20P
512K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com