Electronic Components Datasheet Search
  English  ▼

X  

AS6C4008 Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # AS6C4008
Description  512K X 8 BIT LOW POWER CMOS SRAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C4008 Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

Back Button AS6C4008 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 10Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 11Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AUGUST 2009
AS6C4008
512K X 8 BIT LOW POWER CMOS SRAM
DATA RETENTION CHARACTERISTICS
PARAMETER
SYMBOL TEST CONDITION
MIN.
TYP.
MAX.
UNIT
VCC for Data Retention
VDR
CE# ≧ VCC - 0.2V
1.5
-
5.5
V
Data Retention Current
IDR
VCC = 1.5V
CE# ≧ VCC - 0.2V
-LL
-
2
30
µA
-LLE/-LLI
-
2
30
µA
Chip Disable to Data
Retention Time
tCDR
See Data Retention
Waveforms (below)
0
-
-
ns
Recovery Time
tR
tRC*
-
-
ns
tRC* = Read Cycle Time
DATA RETENTION WAVEFORM
Vcc
CE
#
Vcc(min.)
tCDR
VIH
VDR ≧ 1.5V
CE# ≧ Vcc-0.2V
Vcc(min.)
tR
VIH
AUG09 v1.4
Alliance Memory Inc
Page 7 of 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com