Electronic Components Datasheet Search
  English  ▼

X  

AS6C4008 Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # AS6C4008
Description  512K X 8 BIT LOW POWER CMOS SRAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C4008 Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button AS6C4008 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 10Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
AUGUST 2009
AS6C4008
512K X 8 BIT LOW POWER CMOS SRAM
WRITE CYCLE 1 (WE# Controlled) (1,2,3,5,6)
tWC
Address
tAW
CE#
tAS
tCW
tWP
tWR
WE#
Dout
tWHZ
(4)
High-Z
TOW
(4)
tDW
tDH
Din
Data Valid
WRITE CYCLE 2 (CE# Controlled) (1,2,5,6)
tWC
Address
tAW
CE#
tAS
tWR
tWP
tCW
WE#
Dout
tWHZ
(4)
High-Z
tDW
tDH
Din
Data Valid
Notes :
1.WE#, CE# must be high during all address transitions.
2.A write occurs during the overlap of a low CE#, low WE#.
3.During a WE# controlled write cycle with OE# low, tWP must be greater than tWHZ + tDW to allow the drivers to turn off and data to be
placed on the bus.
4.During this period, I/O pins are in the output state, and input signals must not be applied.
5.If the CE# low transition occurs simultaneously with or after WE# low transition, the outputs remain in a high impedance state.
6.tOW and tWHZ are specified with CL = 5pF. Transition is measured ±500mV from steady state.
AUG09 v1.4
Alliance Memory Inc
Page 6 of 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com