Electronic Components Datasheet Search
  English  ▼

X  

AS6C4008 Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # AS6C4008
Description  512K X 8 BIT LOW POWER CMOS SRAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C4008 Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  AS6C4008 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AUGUST 2009
AS6C4008
512K X 8 BIT LOW POWER CMOS SRAM
TIMING WAVEFORMS
READ CYCLE 1 (Address Controlled) (1,2)
tRC
Address
tAA
tOH
Dout
Previous Data Valid
Data Valid
READ CYCLE 2 (CE# and OE# Controlled) (1,3,4,5)
tRC
Address
tAA
CE#
tACE
OE#
Dout
High-Z
tCLZ
tOLZ
tOE
tOH
tOHZ
tCHZ
Data Valid
High-Z
Notes :
1.WE# is high for read cycle.
2.Device is continuously selected OE# = low, CE# = low.
3.Address must be valid prior to or coincident with CE# = low,; otherwise tAA is the limiting parameter.
4.tCLZ, tOLZ, tCHZ and tOHZ are specified with CL = 5pF. Transition is measured ±500mV from steady state.
5.At any given temperature and voltage condition, tCHZ is less than tCLZ , tOHZ is less than tOLZ.
AUG09 v1.4
Alliance Memory Inc
Page 5 of 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com