Electronic Components Datasheet Search
  English  ▼

X  

AS6C4008 Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # AS6C4008
Description  512K X 8 BIT LOW POWER CMOS SRAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C4008 Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  AS6C4008 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AUGUST 2009
AS6C4008
512K X 8 BIT LOW POWER CMOS SRAM
ABSOLUTE MAXIMUM RATINGS*
PARAMETER
SYMBOL
RATING
UNIT
Terminal Voltage with Respect to VSS
VTERM
-0.5 to 6.5
V
Operating Temperature
TA
0 to 70(C grade)
C o
-40 to 85(I grade)
Storage Temperature
TSTG
-65 to 150
C o
Power Dissipation
PD
1
W
DC Output Current
IOUT
50
mA
Soldering Temperature (under 10 sec)
TSOLDER
260
C o
*Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to the absolute maximum rating conditions for extended period may affect device reliability.
TRUTH TABLE
MODE
CE#
OE#
WE#
I/O OPERATION
SUPPLY CURRENT
Standby
H
X
X
High-Z
ISB1
Output Disable
L
H
H
High-Z
ICC,ICC1
Read
L
L
H
DOUT
ICC,ICC1
Write
L
X
L
DIN
ICC,ICC1
Note:
H = VIH, L = VIL, X = Don't care.
DC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
*3
MAX.
UNIT
Supply Voltage
VCC
2.7
3.0
5.5
V
Input High Voltage
VIH
*1
Vcc: 4.5 ~ 5.5V
2.4
-
VCC+0.3
V
Vcc: 2.7 ~ 4.5V
2.2
-
VCC+0.3
V
Input Low Voltage
VIL
*1
Vcc: 4.5 ~ 5.5V
- 0.2
-
0.8
V
Vcc: 2.7 ~ 4.5V
- 0.2
-
0.6
V
Input Leakage Current
ILI
VCC ≧ VIN ≧ VSS
- 1
-
1
µA
Output Leakage
Current
ILO
VCC ≧ VOUT ≧ VSS,
Output Disabled
- 1
-
1
µA
Output High Voltage
VOH
IOH = -1mA
2.4
-
-
V
Output Low Voltage
VOL
IOL = 2mA
-
-
0.4
V
Average Operating
Power supply Current
ICC
Cycle time = Min.
CE# = 0.2V, II/O = 0mA
other pins at 0.2V or VCC - 0.2V
- 55
-
30
60
mA
ICC1
Cycle time = 1µs
CE# = 0.2V, II/O = 0mA
other pins at 0.2V or VCC - 0.2V
-
4
10
mA
Standby Power
Supply Current
ISB1
CE# ≧VCC - 0.2V
-LL
-
4
50
*4
µA
-LLE/-LLI
-
4
50
*4
µA
Notes:
1. VIH(max) = VCC + 3.0V for pulse width less than 10ns. VIL(min) = VSS - 3.0V for pulse width less than 10ns.
2. Over/Undershoot specifications are characterized, not 100% tested.
3. Typical values are included for reference only and are not guaranteed or tested.
Typical valued are measured at VCC = VCC(TYP.) and TA = 25?
4. 25µA for special request
Page 3 of 14
AUG/09, v 1.4
Alliance Memory Inc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com