Electronic Components Datasheet Search
  English  ▼

X  

AS6C4008 Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # AS6C4008
Description  512K X 8 BIT LOW POWER CMOS SRAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C4008 Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

Back Button AS6C4008 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 10Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 11Page - Alliance Semiconductor Corporation AS6C4008 Datasheet HTML 12Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
AUGUST 2009
AS6C4008
512K X 8 BIT LOW POWER CMOS SRAM
PACKAGE OUTLINE DIMENSION
32 pin 450 mil SOP Package Outline Dimension
UNIT
SYM.
INCH.(BASE)
MM(REF)
A
0.118 (MAX)
2.997 (MAX)
A1
0.004(MIN)
0.102(MIN)
A2
0.111(MAX)
2.82(MAX)
b
0.016(TYP)
0.406(TYP)
c
0.008(TYP)
0.203(TYP)
D
0.817(MAX)
20.75(MAX)
E
0.445 ±0.005
11.303 ±0.127
E1
0.555 ±0.012
14.097 ±0.305
e
0.050(TYP)
1.270(TYP)
L
0.0347 ±0.008 0.881 ±0.203
L1
0.055 ±0.008
1.397 ±0.203
S
0.026(MAX)
0.660 (MAX)
y
0.004(MAX)
0.101(MAX)
Θ
0
o -10o
0
o -10o
AUG09 v1.4
Alliance Memory Inc
Page 8 of 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com