Electronic Components Datasheet Search
  English  ▼

X  

AP2114 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AP2114
Description  1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2114 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AP2114 Datasheet HTML 10Page - Diodes Incorporated AP2114 Datasheet HTML 11Page - Diodes Incorporated AP2114 Datasheet HTML 12Page - Diodes Incorporated AP2114 Datasheet HTML 13Page - Diodes Incorporated AP2114 Datasheet HTML 14Page - Diodes Incorporated AP2114 Datasheet HTML 15Page - Diodes Incorporated AP2114 Datasheet HTML 16Page - Diodes Incorporated AP2114 Datasheet HTML 17Page - Diodes Incorporated AP2114 Datasheet HTML 18Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Data Sheet
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2114
Jan. 2013 Rev. 2. 2
BCD Semiconductor Manufacturing Limited
14
Typical Performance Characteristics
Figure 4. Ground Current vs. Output Current
Figure 5. Ground Current vs. Output Current
Figure 6. Ground Current vs. Output Current
Figure 7. Ground Current vs. Output Current
0.0
0.2
0.4
0.6
0.8
1.0
0
50
100
150
200
250
300
350
400
Continuous Airflow 10scfm
T
A
=-40
OC
T
A
=25
OC
T
A
=85
OC
AP2114_1.8V
V
IN
=2.8V
C
IN
=4.7μF
C
OUT
=4.7μF
Output Current (A)
0.0
0.2
0.4
0.6
0.8
1.0
0
50
100
150
200
250
300
350
400
Continuous Airflow 10scfm
T
A
=-40
OC
T
A
=25
OC
T
A
=85
OC
AP2114_2.5V
V
IN
=3.5V
C
IN
=4.7μF
C
OUT
=4.7μF
Output Current (A)
0.0
0.2
0.4
0.6
0.8
1.0
0.0
50.0
100.0
150.0
200.0
250.0
300.0
350.0
400.0
450.0
500.0
Continuous Airflow 10scfm
AP2114_3.3V
T
A
=-40
OC
T
A
=25
OC
T
A
=85
OC
V
IN=4.3V
Output Current (A)
0.0
0.2
0.4
0.6
0.8
1.0
0
50
100
150
200
250
300
350
400
450
500
AP2114_1.2V
T
A
=-40
OC
T
A
=25
OC
T
A
=85
OC
V
IN=2.5V
Output Current (A)
Continuous Airflow 10scfm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com