Electronic Components Datasheet Search
  English  ▼

X  

AP2114 Datasheet(PDF) 20 Page - Diodes Incorporated

Part # AP2114
Description  1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2114 Datasheet(HTML) 20 Page - Diodes Incorporated

Back Button AP2114 Datasheet HTML 16Page - Diodes Incorporated AP2114 Datasheet HTML 17Page - Diodes Incorporated AP2114 Datasheet HTML 18Page - Diodes Incorporated AP2114 Datasheet HTML 19Page - Diodes Incorporated AP2114 Datasheet HTML 20Page - Diodes Incorporated AP2114 Datasheet HTML 21Page - Diodes Incorporated AP2114 Datasheet HTML 22Page - Diodes Incorporated AP2114 Datasheet HTML 23Page - Diodes Incorporated AP2114 Datasheet HTML 24Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
Data Sheet
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2114
Jan. 2013 Rev. 2. 2
BCD Semiconductor Manufacturing Limited
20
Typical Performance Characteristics (Continued)
Figure 28. Output Voltage vs. Output Current
Figure 29. Output Voltage vs. Output Current
Figure 30. Dropout Voltage vs. Output Current
Figure 31. Dropout Voltage vs. Output Current
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Continuous Airflow 10scfm
V
IN
=4.3V
V
IN
=5V
AP2114_3.3V
T
A
=25
OC
C
IN
=4.7μF
C
OUT
=4.7μF
Output Current (A)
0.0
0.2
0.4
0.6
0.8
1.0
3.27
3.28
3.29
3.30
3.31
3.32
3.33
3.34
3.35
Continuous Airflow 10scfm
AP2114_3.3V
T
A
=-40
OC
T
A
=25
OC
T
A
=85
OC
V
IN
=4.3V
Output Current (A)
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Continuous Airflow 10scfm
T
A
=-40
OC
T
A
=25
OC
T
A
=85
OC
AP2114_1.8V
V
IN
=2.8V
C
IN
=4.7μF
C
OUT
=4.7μF
Output Current (A)
0.0
0.2
0.4
0.6
0.8
1.0
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
Continuous Airflow 10scfm
T
A
=-40
OC
T
A
=25
OC
T
A
=85
OC
AP2114_2.5V
V
IN
=3.5V
C
IN
=4.7μF
C
OUT
=4.7μF
Output Current (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com