Electronic Components Datasheet Search
  English  ▼

X  

AP2114 Datasheet(PDF) 18 Page - Diodes Incorporated

Part # AP2114
Description  1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2114 Datasheet(HTML) 18 Page - Diodes Incorporated

Back Button AP2114 Datasheet HTML 14Page - Diodes Incorporated AP2114 Datasheet HTML 15Page - Diodes Incorporated AP2114 Datasheet HTML 16Page - Diodes Incorporated AP2114 Datasheet HTML 17Page - Diodes Incorporated AP2114 Datasheet HTML 18Page - Diodes Incorporated AP2114 Datasheet HTML 19Page - Diodes Incorporated AP2114 Datasheet HTML 20Page - Diodes Incorporated AP2114 Datasheet HTML 21Page - Diodes Incorporated AP2114 Datasheet HTML 22Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
Data Sheet
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2114
Jan. 2013 Rev. 2. 2
BCD Semiconductor Manufacturing Limited
18
Typical Performance Characteristics (Continued)
Figure 20. Output Voltage vs. Input Voltage
Figure 21. Output Voltage vs. Input Voltage
Figure 22. Output Voltage vs. Input Voltage
Figure 23. Output Voltage vs. Input Voltage
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Continuous Airflow 10scfm
T
A
=-40
OC
T
A
=25
OC
T
A
=85
OC
AP2114_3.3V
Input Voltage (V)
C
IN
=4.7μF
C
OUT
=4.7μF
I
OUT
=10mA
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Continuous Airflow 10scfm
Input Voltage (V)
AP2114_1.8V
T
A
=-40
oC
T
A
=25
oC
T
A
=85
oC
C
IN
=4.7μF
C
OUT
=4.7μF
I
OUT
=10mA
12
3
4
56
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Continuous Airflow 10scfm
T
A
=-40
OC
T
A
=25
OC
T
A
=85
OC
AP2114_1.2V
Input Voltage (V)
C
IN
=4.7μF
C
OUT
=4.7μF
I
OUT
=10mA
1
234567
0.0
0.5
1.0
1.5
2.0
2.5
Continuous Airflow 10scfm
AP2114_2.5V
C
IN
=4.7μF
C
OUT
=4.7μF
I
OUT
=10mA
T
A
=-40
OC
T
A
=25
OC
T
A
=85
OC
Input Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com