Electronic Components Datasheet Search
  English  ▼

X  

AP2114 Datasheet(PDF) 28 Page - Diodes Incorporated

Part # AP2114
Description  1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2114 Datasheet(HTML) 28 Page - Diodes Incorporated

Back Button AP2114 Datasheet HTML 24Page - Diodes Incorporated AP2114 Datasheet HTML 25Page - Diodes Incorporated AP2114 Datasheet HTML 26Page - Diodes Incorporated AP2114 Datasheet HTML 27Page - Diodes Incorporated AP2114 Datasheet HTML 28Page - Diodes Incorporated AP2114 Datasheet HTML 29Page - Diodes Incorporated AP2114 Datasheet HTML 30Page - Diodes Incorporated AP2114 Datasheet HTML 31Page - Diodes Incorporated AP2114 Datasheet HTML 32Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
Data Sheet
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2114
Jan. 2013 Rev. 2. 2
BCD Semiconductor Manufacturing Limited
28
Mechanical Dimensions (Continued)
TO-252-2 (3)
Unit: mm(inch)
1.29±0.1
0.470(0. 019)
0.600(0.024)
5
9
0
8
2.200(0. 087)
2.380(0. 094)
0.900(0. 035)
1.100(0. 043)
4.700REF
6.500(0. 256)
6.700(0. 264)
5.130(0.202)
5.460(0.215)
0.720(0.028)
0.850(0.033)
2.286(0. 090)
BSC
0.720(0.028)
0.900(0. 035)
8
0
7
3
9
5
Option 1
Option 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com