Electronic Components Datasheet Search
  English  ▼

X  

AP2114 Datasheet(PDF) 22 Page - Diodes Incorporated

Part # AP2114
Description  1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2114 Datasheet(HTML) 22 Page - Diodes Incorporated

Back Button AP2114 Datasheet HTML 18Page - Diodes Incorporated AP2114 Datasheet HTML 19Page - Diodes Incorporated AP2114 Datasheet HTML 20Page - Diodes Incorporated AP2114 Datasheet HTML 21Page - Diodes Incorporated AP2114 Datasheet HTML 22Page - Diodes Incorporated AP2114 Datasheet HTML 23Page - Diodes Incorporated AP2114 Datasheet HTML 24Page - Diodes Incorporated AP2114 Datasheet HTML 25Page - Diodes Incorporated AP2114 Datasheet HTML 26Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Data Sheet
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2114
Jan. 2013 Rev. 2. 2
BCD Semiconductor Manufacturing Limited
22
Typical Performance Characteristics (Continued)
Figure 36. Max. Output Current vs. Input Voltage
Figure 37. Max. Output Current vs. Input Voltage
Note 4: Considering power dissipation and thermal behavior, we suggest provide enough design margins in
application design which are no less than 30% at least.
Figure 38. Output Short Current vs. Temperature
Figure 39. Output Short Current vs. Temperature
4.0
4.5
5.0
5.5
6.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Continuous Airflow 10scfm
AP2114_3.3V
Input Voltage (V)
C
IN
=4.7μF
C
OUT
=4.7μF
T
A
=25
OC
-40
-20
0
20
40
60
80
20
30
40
50
60
70
80
90
100
Continuous Airflow 10scfm
V
IN
=2.5V
Temperature (
OC)
AP2114_1.2V
-40
-20
0
20406080
100
120
20
30
40
50
60
70
80
90
100
Continuous Airflow 10scfm
AP2114_1.8V
V
IN
=2.8V
C
IN
=4.7μF
C
OUT
=4.7μF
Temperature (
OC)
4.0
4.5
5.0
5.5
6.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
AP2114-3.3V
TO-252-2 (1)/(3)
Input Voltege (V)
T
A=-30
OC
T
A=25
OC
T
A=40
OC
T
A=50
OC
T
A=85
OC
Copper Heat Spreader Area:100mm
2
Still air
Note 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com