Electronic Components Datasheet Search
  English  ▼

X  

AP2125 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP2125
Description  300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2125 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP2125 Datasheet HTML 1Page - Diodes Incorporated AP2125 Datasheet HTML 2Page - Diodes Incorporated AP2125 Datasheet HTML 3Page - Diodes Incorporated AP2125 Datasheet HTML 4Page - Diodes Incorporated AP2125 Datasheet HTML 5Page - Diodes Incorporated AP2125 Datasheet HTML 6Page - Diodes Incorporated AP2125 Datasheet HTML 7Page - Diodes Incorporated AP2125 Datasheet HTML 8Page - Diodes Incorporated AP2125 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
AP2125
Document number: DS38144 Rev. 2 - 2
1 of 25
www.diodes.com
May 2016
© Diodes Incorporated
AP2125
300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Description
The AP2125 series are 300mA, positive voltage regulator ICs
fabricated by CMOS process.
Each of these ICs is equipped with a voltage reference, an error
amplifier, a resistor network for setting output voltage, a chip enable
circuit, a current limit circuit and OTSD (over temperature shut down)
circuit to prevent the IC from over current and over temperature.
The AP2125 series have features of high ripple rejection, low dropout
voltage, low noise, high output voltage accuracy and low current
consumption which make them ideal for use in various battery-
powered apparatus.
The AP2125 have 1.8V, 2.5V, 2.8V, 3.0V, 3.3V, 4.15V and 4.2V fixed
voltage versions.
These ICs are available in tiny SC-70-5 packages as well as industry
standard SOT-23-3 and SOT-23-5 packages.
Features
Excellent Ripple Rejection: 70dB Typical (1.8V Version)
Low Dropout Voltage: 65mV (IOUT=100mA, 3.3V Version)
Low Standby Current: 0.01µA Typical
Low Quiescent Current: 60µA Typical
Extremely Low Noise: 50µVrms Typical
Maximum Output Current: 300mA (Min.)
High Output Voltage Accuracy: ±2%
Compatible with Low ESR Ceramic Capacitor
Excellent Line/Load Regulation
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
SOT-23-3
(Top View)
SOT-23-5/SC-70-5
Applications
CDMA/GSM Cellular Handsets
Battery-powered Equipments
Laptops, Palmtops, Notebook Computers
Hand-held Instruments
PCMCIA Cards
Portable Information Appliances
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
3
2
1
VIN
GND
VOUT
VIN
GND
VOUT
1
2
3
4
5
NC
CE


Similar Part No. - AP2125

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2125 BCDSEMI-AP2125 Datasheet
1,012Kb / 27P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2125K-1.8TRE1 BCDSEMI-AP2125K-1.8TRE1 Datasheet
1,012Kb / 27P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2125K-1.8TRG1 BCDSEMI-AP2125K-1.8TRG1 Datasheet
1,012Kb / 27P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2125K-2.5TRE1 BCDSEMI-AP2125K-2.5TRE1 Datasheet
1,012Kb / 27P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2125K-2.5TRG1 BCDSEMI-AP2125K-2.5TRG1 Datasheet
1,012Kb / 27P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
More results

Similar Description - AP2125

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2126 BCDSEMI-AP2126 Datasheet
451Kb / 12P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128 BCDSEMI-AP2128 Datasheet
519Kb / 15P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128 BCDSEMI-AP2128_09 Datasheet
678Kb / 21P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2129 BCDSEMI-AP2129_09 Datasheet
590Kb / 15P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2125 BCDSEMI-AP2125 Datasheet
1,012Kb / 27P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128 BCDSEMI-AP2128_10 Datasheet
862Kb / 21P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2126 DIODES-AP2126 Datasheet
272Kb / 9P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2017
AP2127 DIODES-AP2127 Datasheet
914Kb / 24P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 7 - 2 December 2017
AP2128 DIODES-AP2128 Datasheet
861Kb / 21P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 0 Sept 2010
AP2129 DIODES-AP2129 Datasheet
417Kb / 13P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 July 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com