Electronic Components Datasheet Search
  English  ▼

X  

AP2125 Datasheet(PDF) 16 Page - Diodes Incorporated

Part # AP2125
Description  300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2125 Datasheet(HTML) 16 Page - Diodes Incorporated

Back Button AP2125 Datasheet HTML 12Page - Diodes Incorporated AP2125 Datasheet HTML 13Page - Diodes Incorporated AP2125 Datasheet HTML 14Page - Diodes Incorporated AP2125 Datasheet HTML 15Page - Diodes Incorporated AP2125 Datasheet HTML 16Page - Diodes Incorporated AP2125 Datasheet HTML 17Page - Diodes Incorporated AP2125 Datasheet HTML 18Page - Diodes Incorporated AP2125 Datasheet HTML 19Page - Diodes Incorporated AP2125 Datasheet HTML 20Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
AP2125
Document number: DS38144 Rev. 2 - 2
16 of 25
www.diodes.com
May 2016
© Diodes Incorporated
AP2125
Performance Characteristics (Cont.)
PSRR
PSRR
Power Dissipation vs. Ambient Temperature
Power Dissipation vs. Ambient Temperature
10
100
1k
10k
100k
0
10
20
30
40
50
60
70
80
90
100
Frequency (Hz)
AP2125-1.8
V
IN
=2.8V
I
OUT
=30mA
10
100
1k
10k
100k
0
10
20
30
40
50
60
70
80
90
100
Frequency (Hz)
AP2125-3.3
V
IN
=4.3V
I
OUT
=30mA
30
40
50
60
70
80
90
100
110
120
0
50
100
150
200
250
300
350
400
450
500
550
600
Ambient Temperature (
oC)
AP2125-1.8
Package: SC-70-5
No Heatsink
30
40
50
60
70
80
90
100
110
120
0
100
200
300
400
500
600
700
800
Ambient Temperature (
oC)
AP2125-3.3
Package: SOT-23-5
No Heatsink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com