Electronic Components Datasheet Search
  English  ▼

X  

AP2125 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP2125
Description  300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2125 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP2125 Datasheet HTML 8Page - Diodes Incorporated AP2125 Datasheet HTML 9Page - Diodes Incorporated AP2125 Datasheet HTML 10Page - Diodes Incorporated AP2125 Datasheet HTML 11Page - Diodes Incorporated AP2125 Datasheet HTML 12Page - Diodes Incorporated AP2125 Datasheet HTML 13Page - Diodes Incorporated AP2125 Datasheet HTML 14Page - Diodes Incorporated AP2125 Datasheet HTML 15Page - Diodes Incorporated AP2125 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
AP2125
Document number: DS38144 Rev. 2 - 2
12 of 25
www.diodes.com
May 2016
© Diodes Incorporated
AP2125
Performance Characteristics (Cont.)
Current Limit
Current Limit
Current Limit
Current Limit
Output Voltage vs. Input Voltage
Output Voltage vs. Input Voltage
0
50
100
150
200
250
300
350
400
450
500
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
AP2125-3.3
T
C
=25
oC
Output Current (mA)
V
IN
=4.3V
V
IN
=6V
0
50
100
150
200
250
300
350
400
450
500
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
AP2125-1.8
V
IN
=2.8V
Output Current (mA)
T
C
=-40
oC
T
C
=25
oC
T
C
=85
oC
0
50
100
150
200
250
300
350
400
450
500
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
AP2125-3.3
V
IN
=4.3V
Output Current (mA)
T
C
=-40
oC
T
C
=25
oC
T
C
=85
oC
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
AP2125-1.8
T
C
=25
oC
Input Voltage (V)
1mA
100mA
300mA
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
AP2125-3.3
T
C
=25
oC
Input Voltage (V)
1mA
100mA
300mA
0
50
100
150
200
250
300
350
400
450
500
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
AP2125-1.8V
T
C
=25
oC
Output Current (mA)
V
IN
=2.8V
V
IN
=6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com