Electronic Components Datasheet Search
  English  ▼

X  

AP2125 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP2125
Description  300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2125 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP2125 Datasheet HTML 6Page - Diodes Incorporated AP2125 Datasheet HTML 7Page - Diodes Incorporated AP2125 Datasheet HTML 8Page - Diodes Incorporated AP2125 Datasheet HTML 9Page - Diodes Incorporated AP2125 Datasheet HTML 10Page - Diodes Incorporated AP2125 Datasheet HTML 11Page - Diodes Incorporated AP2125 Datasheet HTML 12Page - Diodes Incorporated AP2125 Datasheet HTML 13Page - Diodes Incorporated AP2125 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
AP2125
Document number: DS38144 Rev. 2 - 2
10 of 25
www.diodes.com
May 2016
© Diodes Incorporated
AP2125
Electrical Characteristics (Cont.)
AP2125-4.2 Electrical Characteristics (@VIN = 5.2V, TA = +25
oC, CIN = 1µF, COUT = 1µF, Bold typeface applies over -40oC ≤ TJ ≤ +85oC,
unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOUT
Output Voltage
VIN = 5.2V
1mA ≤ IOUT ≤ 30mA
4.116
4.2
4.284
V
VIN
Input Voltage
–
–
–
6
V
IOUT(MAX)
Maximum Output Current
VIN-VOUT = 1V, VOUT = 4.12V
300
360
–
mA
VRLOAD
Load Regulation
VIN = 5.2V
1mA ≤ IOUT ≤ 300mA
–
13
15
mV
VRLINE
Line Regulation
5.2
V ≤ VIN ≤ 6V
IOUT = 30mA
–
1
15
mV
VDROP
Dropout Voltage
IOUT = 10mA
–
6.5
10
mV
IOUT = 100mA
–
65
100
IOUT = 300mA
–
200
300
IQ
Quiescent Current
VIN = 5.2V, IOUT = 0mA
–
60
90
µA
ISTD
Standby Current
VIN = 5.2V
VCE in OFF mode
–
0.01
1.0
µA
PSRR
Power Supply Rejection Ratio
Ripple 0.5Vp-p,
VIN = 5.2V
f = 100Hz
–
65
–
dB
f = 1KHz
–
65
–
dB
(
∆VOUT/VOUT)/∆T
Output Voltage
Temperature Coefficient
IOUT = 30mA
–
±100
–
ppm/
oC
ISHORT
Short Current Limit
VOUT = 0V
–
50
–
mA
VNOISE
RMS Output Noise
10Hz ≤ f ≤ 100kHz
–
50
–
µVrms
–
CE "High" Voltage
CE input voltage "High"
1.5
–
–
V
–
CE "Low" Voltage
CE input voltage "Low"
–
–
0.4
V
–
Thermal Shutdown
–
–
+160
–
oC
–
Thermal Shutdown Hysteresis
–
–
+25
–
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com