Electronic Components Datasheet Search
  English  ▼

X  

AP2125 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AP2125
Description  300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2125 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AP2125 Datasheet HTML 10Page - Diodes Incorporated AP2125 Datasheet HTML 11Page - Diodes Incorporated AP2125 Datasheet HTML 12Page - Diodes Incorporated AP2125 Datasheet HTML 13Page - Diodes Incorporated AP2125 Datasheet HTML 14Page - Diodes Incorporated AP2125 Datasheet HTML 15Page - Diodes Incorporated AP2125 Datasheet HTML 16Page - Diodes Incorporated AP2125 Datasheet HTML 17Page - Diodes Incorporated AP2125 Datasheet HTML 18Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
AP2125
Document number: DS38144 Rev. 2 - 2
14 of 25
www.diodes.com
May 2016
© Diodes Incorporated
AP2125
Performance Characteristics (Cont.)
Supply Current vs. Case Temperature
Supply Current vs. Case Temperature
Supply Current vs. Output Current
Supply Current vs. Output Current
Supply Current vs. Output Current
Supply Current vs. Output Current
-40
-20
0
20
40
60
80
40
44
48
52
56
60
64
68
72
76
80
Case Temperature (
oC)
AP2125-1.8
V
IN
=2.8V
No Load
-40
-20
0
20
40
60
80
40
44
48
52
56
60
64
68
72
76
80
AP2125-3.3
V
IN
=4.3V
No Load
Case Temperature (
oC)
0
50
100
150
200
250
300
350
400
450
500
0
10
20
30
40
50
60
70
80
90
100
110
120
130
AP2125-1.8
V
IN
=2.8V
Output Current (mA)
T
C
=-40
oC
T
C
=25
oC
T
C
=85
oC
0
50
100
150
200
250
300
350
400
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
AP2125-3.3
V
IN
=4.3V
Output Current (mA)
T
C
=-40
oC
T
C
=25
oC
T
C
=85
oC
0
40
80
120
160
200
240
280
320
360
400
440
480
0
10
20
30
40
50
60
70
80
90
100
110
120
AP2125-1.8
T
C
=25
oC
Output Current (mA)
V
IN
=2.8V
V
IN
=6V
0
40
80
120
160
200
240
280
320
360
400
0
15
30
45
60
75
90
105
120
135
150
AP2125-3.3
T
C
=25
oC
Output Current (mA)
V
IN
=4.3V
V
IN
=6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com