Electronic Components Datasheet Search
  English  ▼

X  

AP2125 Datasheet(PDF) 18 Page - Diodes Incorporated

Part # AP2125
Description  300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2125 Datasheet(HTML) 18 Page - Diodes Incorporated

Back Button AP2125 Datasheet HTML 14Page - Diodes Incorporated AP2125 Datasheet HTML 15Page - Diodes Incorporated AP2125 Datasheet HTML 16Page - Diodes Incorporated AP2125 Datasheet HTML 17Page - Diodes Incorporated AP2125 Datasheet HTML 18Page - Diodes Incorporated AP2125 Datasheet HTML 19Page - Diodes Incorporated AP2125 Datasheet HTML 20Page - Diodes Incorporated AP2125 Datasheet HTML 21Page - Diodes Incorporated AP2125 Datasheet HTML 22Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
AP2125
Document number: DS38144 Rev. 2 - 2
18 of 25
www.diodes.com
May 2016
© Diodes Incorporated
AP2125
Marking Information
(1)
SOT-23-3
(Top View)
(2)
SOT-23-5
(Top View)
(3)
SC-70-5
(Top View)
: Logo
XXX: Marking ID
(See Ordering Information)
: Logo
XXX: Marking ID
(See Ordering Information)
: Logo
XX: Marking ID
(See Ordering Information)
XXX
XXX
XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com