Electronic Components Datasheet Search
  English  ▼

X  

ATECC608A Datasheet(PDF) 47 Page - Microchip Technology

Part # ATECC608A
Description  ATECC608A for LoRaWAN™ Data Sheet
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC608A Datasheet(HTML) 47 Page - Microchip Technology

Back Button ATECC608A Datasheet HTML 43Page - Microchip Technology ATECC608A Datasheet HTML 44Page - Microchip Technology ATECC608A Datasheet HTML 45Page - Microchip Technology ATECC608A Datasheet HTML 46Page - Microchip Technology ATECC608A Datasheet HTML 47Page - Microchip Technology ATECC608A Datasheet HTML 48Page - Microchip Technology ATECC608A Datasheet HTML 49Page - Microchip Technology ATECC608A Datasheet HTML 50Page - Microchip Technology ATECC608A Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 81 page
background image
Table 5-57. AES-ECB Encrypt
Opcode
(1 Byte)
Mode
(1 Byte)
KeyID
(2 Bytes)
Data
(16 Bytes)
Comments
0x51
0x00
0x40
0x80
0xC0
0x00 0[Slot]
Any 16 bytes of ClearText data
Encrypt key in Position 0
Encrypt key in Position 1
Encrypt key in Position 2
Encrypt key in Position 3
0x00
0xFF FF
Any 16 bytes of ClearText data
Encryption key located in TempKey
Table 5-58. AES Encrypt Output Response
Name
Size (Bytes)
Notes
Response
1
If the operation fails, the ouptut is a one byte error code.
16
If the operation is successful, the device will output 16 bytes of encrypted text.
5.3.1.2
AES-GFM
The GFM operation is often used as part of various AES cryptographic operations. This function has been provided to
aid in the creation of operations that are not directly supported by the ATECC608A-TNGLoRaWAN. The output of this
operation can be used in the AES-GCM AEAD functionality. This mode does not involve secrets or anything stored
on the chip. If this mode is selected, the remaining mode bits are ignored.
Table 5-59. AES Galois FIeld Multiply (GFM)
Opcode
(1 Byte)
Mode
(1 Byte)
KeyID
(2 Bytes)
Data
(32 Bytes)
Description
0x51
0x03
0x00 00
• First 16 bytes - H-Field
• Second 16 bytes input data
Table 5-60. AES GFM Output Response
Name
Size (Bytes)
Notes
Response 1
If the operation fails, the output is a one-byte error code.
16
If the operation is successful, the device will output 16 bytes result of the GFM
calculation.
5.3.2
CheckMac Command
The CheckMac command calculates a MAC response that would have been generated on a different
CryptoAuthentication™ (ATECC608A, ATECC508A, ATSHA204A) device and then compares the result with the input
value. The command returns a boolean result to indicate the success or failure of the comparison.
If a value in TempKey is used as an input to the CheckMac, then a Nonce and/or GenDig command must be run
prior to the CheckMac command.
ATECC608A-TNGLoRaWAN
Device Commands
© 2020 Microchip Technology Inc.
Complete Datasheet
DS40002154B-page 47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com