Electronic Components Datasheet Search
  English  ▼

X  

ATECC608A Datasheet(PDF) 56 Page - Microchip Technology

Part # ATECC608A
Description  ATECC608A for LoRaWAN™ Data Sheet
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC608A Datasheet(HTML) 56 Page - Microchip Technology

Back Button ATECC608A Datasheet HTML 52Page - Microchip Technology ATECC608A Datasheet HTML 53Page - Microchip Technology ATECC608A Datasheet HTML 54Page - Microchip Technology ATECC608A Datasheet HTML 55Page - Microchip Technology ATECC608A Datasheet HTML 56Page - Microchip Technology ATECC608A Datasheet HTML 57Page - Microchip Technology ATECC608A Datasheet HTML 58Page - Microchip Technology ATECC608A Datasheet HTML 59Page - Microchip Technology ATECC608A Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 81 page
background image
Table 5-85. Input Parameters - Non-Diversified MAC
Opcode
(1 Byte)
Mode
(1 Byte)
KeyID
(2 Bytes)
Data(2)
(0-32 Bytes)
Mode Descriptions
0x08
0x00
0x00 0[Slot] 32 bytes
• First 32 bytes loaded from data slot
• Second 32 bytes are taken from the input challenge
0x01 or 0x05(1) 0x00 0[Slot] 0 bytes
• First 32 bytes loaded from data slot
• Second 32 bytes are taken from TempKey
0x02 or 0x06(1) 0x00 00
32 bytes
• First 32 bytes loaded with TempKey
• Second 32 bytes are taken from the input challenge
Note: 
(1) Mode[2] must match the TempKey.SourceFlag.
(2) When present, the Data parameter corresponds to the input challenge.
Table 5-86. Output Response - Non-Diversified MAC
Name
Size
Description
Response
1 byte
If the command fails
32 bytes
SHA-256 digest
Table 5-87. Non-Diversified MAC Calculation
# of Bytes
Mode 0x00
Mode 0x01 or 0x05
Mode 0x02 or 0x06
32
32
1
1
2
11
1
4
2
2
Data Slot
Input Challenge
Opcode (0x08)
Mode
KeyID
Zeros
SN[8] Varies by vendor
Zeros
SN[0:1] 0x01 0x23
Zeros
Data Slot
TempKey
Opcode (0x08)
Mode
KeyID
Zeros
SN[8] Varies by vendor
Zeros
SN[0:1] 0x01 0x23
Zeros
TempKey
Input Challenge
Opcode (0x08)
Mode
KeyID
Zeros
SN[8] Varies by vendor
Zeros
SN[0:1] 0x01 0x23
Zeros
5.3.6.2
Diversified MAC
A diversified MAC includes the serial number of the device. The serial number will be unique for each device and
therefore, will always generate a unique SHA256 digest. The MAC is always calculated over a total of 88 bytes and
always creates a 32-byte SHA256 digest.
Table 5-88. Input Parameters - Diversified MAC
Opcode
(1 Byte)
Mode
(1 Byte)
KeyID
(2 Bytes)
Data(2)
(0-32 Bytes)
Mode Descriptions
0x08
0x40
0x00 0[Slot] 32 bytes
• First 32 bytes loaded from data slot
• Second 32 bytes are taken from the input challenge
0x41 or 0x45(1) 0x00 0[Slot] 0 bytes
• First 32 bytes loaded from data slot
• Second 32 bytes are taken from TempKey
0x42 or 0x46(1) 0x00 00
32 bytes
• First 32 bytes loaded with TempKey
• Second 32 bytes are taken from the input challenge
ATECC608A-TNGLoRaWAN
Device Commands
© 2020 Microchip Technology Inc.
Complete Datasheet
DS40002154B-page 56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com