Electronic Components Datasheet Search
  English  ▼

X  

ATECC608A Datasheet(PDF) 51 Page - Microchip Technology

Part # ATECC608A
Description  ATECC608A for LoRaWAN™ Data Sheet
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC608A Datasheet(HTML) 51 Page - Microchip Technology

Back Button ATECC608A Datasheet HTML 47Page - Microchip Technology ATECC608A Datasheet HTML 48Page - Microchip Technology ATECC608A Datasheet HTML 49Page - Microchip Technology ATECC608A Datasheet HTML 50Page - Microchip Technology ATECC608A Datasheet HTML 51Page - Microchip Technology ATECC608A Datasheet HTML 52Page - Microchip Technology ATECC608A Datasheet HTML 53Page - Microchip Technology ATECC608A Datasheet HTML 54Page - Microchip Technology ATECC608A Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 81 page
background image
4.
The input value, typically a nonce from a remote device, is combined with the current TempKey value to create
a shared nonce in which both devices can attest to the inclusion of the RNG.
5.3.4.1
GenDig - Config
Data from the Configuration zone can be included in the GenDig calculation. Data are always included in 32-byte
blocks and only one block may be included on any given GenDig calculation. The Nonce command must be run prior
to the first GenDig command to load a value into TempKey. Subsequent GenDig commands will use the value stored
in TempKey from the previous GenDig operation.
Table 5-67. Input Parameters GenDig Config
Opcode
(1 Byte)
Mode
(1 Byte)
KeyID(1)
(2 Bytes)
Data
(0 Bytes)
Description
0x15
0x00
0x00 00
—
Use Configuration Block 0
0x00 01
—
Use Configuration Block 1
0x00 02
—
Use Configuration Block
0x00 03
—
Use Configuration Block 3
Note: 
1.
KeyId specifies the Configuration zone block to be used in the TempKey Calculation.
Table 5-68. Output Response - GenDig Config
Name
Size
Description
Response
1 byte
0x00 - If successful. Error code - If the command fails.
Notes:  Flag Bits
1.
TempKey.Valid flag will be set to 1 if successful, otherwise it is 0.
2.
TempKey.GenDigData will be set to 0.
Table 5-69. TempKey Calculation - GenDig Config
32 bytes
1 byte
1 byte
2 bytes
1 byte
2 bytes
25 bytes
32 bytes
Configuration Zone Block
Opcode = 0x15
Mode = 0x00
KeyID[0:1] = 0x0[block] 0x00
SN[8] = Varies by vendor
SN[0:1] = 0x01 0x23
All Zeros
TempKey.Value
5.3.4.2
GenDig - OTP
Data from the OTP zone can be included in the GenDig calculation. Data are always included in 32-byte blocks and
only one block may be included on any given GenDig calculation. The Nonce command must be run prior to the first
GenDig command to load a value into TempKey. Subsequent GenDig commands will use the value from the
previous GenDig operation.
Table 5-70. Input Parameters - GenDig OTP
Opcode
(1 Byte)
Mode
(1 Byte)
KeyID(1)
(2 Bytes)
Data
(0 Bytes)
Description
0x15
0x01
0x00 00
—
Use OTP Block 0 as the KeyID
0x00 01
—
Use OTP Block 1 as the KeyID
ATECC608A-TNGLoRaWAN
Device Commands
© 2020 Microchip Technology Inc.
Complete Datasheet
DS40002154B-page 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com