Electronic Components Datasheet Search
  English  ▼

X  

ATECC608A Datasheet(PDF) 53 Page - Microchip Technology

Part # ATECC608A
Description  ATECC608A for LoRaWAN™ Data Sheet
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC608A Datasheet(HTML) 53 Page - Microchip Technology

Back Button ATECC608A Datasheet HTML 49Page - Microchip Technology ATECC608A Datasheet HTML 50Page - Microchip Technology ATECC608A Datasheet HTML 51Page - Microchip Technology ATECC608A Datasheet HTML 52Page - Microchip Technology ATECC608A Datasheet HTML 53Page - Microchip Technology ATECC608A Datasheet HTML 54Page - Microchip Technology ATECC608A Datasheet HTML 55Page - Microchip Technology ATECC608A Datasheet HTML 56Page - Microchip Technology ATECC608A Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 81 page
background image
Table 5-75. TempKey Calculation - GenDig Data
Size
Parameters - MAC
Parameters - NoMAC
32 bytes
DATA.slot[KeyID]
DATA.slot[KeyID]
4 byte
Opcode, Mode, KeyID = 0x15, 0x02, 0x0[Slot] 0x00
OtherData[0:3]
1 byte
SN[8] = Varies by vendor
SN[8] = Varies by vendor
2 bytes
SN[0:1] = 0x01 0x23
SN[0:1] = 0x01 0x23
25 bytes
All Zeros
All Zeros
32 bytes
TempKey.Value
TempKey.Value
5.3.4.4
GenDig - Shared Nonce
In Shared Nonce mode 32 bytes of data are input to this command. This mode is used when a nonce value must be
shared between two devices. The Nonce command must be run prior to the first GenDig command to load a value
into TempKey. Subsequent GenDig commands will use the value from the previous GenDig operation.
Table 5-76. Input Parameters GenDig Shared Nonce
Opcode
(1 Byte)
Mode
(1 Byte)
KeyID(1)
(2 Bytes)
Data
(32 Bytes)
Description
0x15
0x03
0x00 0[Slot]
Input data
0x80 0[Slot]
Input data
Note: 
1.
KeyId specifies the DataZone slot to be used in the TempKey calculation. Only the lowest 32 bytes will be
used.
Table 5-77. Output Response - GenDig Data
Name
Size
Description
Response
1 byte
0x00 - If successful. Error code - If the command fails.
Notes:  Flag Bits
1.
TempKey.Valid flag will be set to 1 if successful, otherwise it is 0.
2.
TempKey.GenDigData will be set to 1 indicating a DataZone slot was used in the calculation.
3.
TempKey.KeyID will set to the slot specified in the command.
Table 5-78. TempKey Calculation - GenDig Shared Nonce
Size
Parameters - KeyID MSB 0x00
Parameters - KeyID MSB 0x80
32 bytes
Input Data
TempKey.value
1 byte
Opcode = 0x15
Opcode = 0x15
1 byte
Mode = 0x03
Mode = 0x03
1 byte
LSB of KeyID = 0x0[Slot]
LSB of KeyID = 0x0[Slot]
1 byte
0x00
0x00
1 byte
SN[8] = Varies by vendor
SN[8] = Varies by vendor
2 bytes
SN[0:1] = 0x01 0x23
SN[0:1] = 0x01 0x23
25 bytes
All Zeros
All Zeros
32 bytes
TempKey.Value
Input Data
ATECC608A-TNGLoRaWAN
Device Commands
© 2020 Microchip Technology Inc.
Complete Datasheet
DS40002154B-page 53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com