Electronic Components Datasheet Search
  English  ▼

X  

ATECC608A Datasheet(PDF) 64 Page - Microchip Technology

Part # ATECC608A
Description  ATECC608A for LoRaWAN™ Data Sheet
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC608A Datasheet(HTML) 64 Page - Microchip Technology

Back Button ATECC608A Datasheet HTML 60Page - Microchip Technology ATECC608A Datasheet HTML 61Page - Microchip Technology ATECC608A Datasheet HTML 62Page - Microchip Technology ATECC608A Datasheet HTML 63Page - Microchip Technology ATECC608A Datasheet HTML 64Page - Microchip Technology ATECC608A Datasheet HTML 65Page - Microchip Technology ATECC608A Datasheet HTML 66Page - Microchip Technology ATECC608A Datasheet HTML 67Page - Microchip Technology ATECC608A Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 81 page
background image
8.
Electrical Characteristics
8.1
Absolute Maximum Ratings
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Maximum Operating Voltage
6.0V
DC Output Current
5.0 mA
Voltage on any pin -0.5V to (VCC + 0.5V)
-0.5V to (VCC + 0.5V)
ESD Ratings:
Human Body Model(HBM) ESD
>4kV
Charge Device Model(CDM) ESD
>1kV
Note:  Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any other conditions beyond
those indicated in the operational sections of this specification are not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
8.2
Reliability
The ATECC608A-TNGLoRaWAN is fabricated with Microchip’s high reliability CMOS EEPROM manufacturing
technology.
Table 8-1. EEPROM Reliability
Parameter
Min.
Typ.
Max.
Units
Write Endurance at +85°C (Each Byte)
400,000
—
—
Write Cycles
Data Retention at +55°C
10
—
—
Years
Data Retention at +35°C
30
50
—
Years
Read Endurance
Unlimited
Read Cycles
8.3
AC Parameters: All I/O Interfaces
Figure 8-1. AC Timing Diagram: All Interfaces
Data Comm
Wake
tLIGNORE
tHIGNORE
Noise
Suppresion
tWLO
tWHI
ATECC608A-TNGLoRaWAN
Electrical Characteristics
© 2020 Microchip Technology Inc.
Complete Datasheet
DS40002154B-page 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com