Electronic Components Datasheet Search
  English  ▼

X  

MCP3465R Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP3465R
Description  Two-Channel, 153.6 ksps, Low Noise 16-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3465R Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP3465R Datasheet HTML 20Page - Microchip Technology MCP3465R Datasheet HTML 21Page - Microchip Technology MCP3465R Datasheet HTML 22Page - Microchip Technology MCP3465R Datasheet HTML 23Page - Microchip Technology MCP3465R Datasheet HTML 24Page - Microchip Technology MCP3465R Datasheet HTML 25Page - Microchip Technology MCP3465R Datasheet HTML 26Page - Microchip Technology MCP3465R Datasheet HTML 27Page - Microchip Technology MCP3465R Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 110 page
background image
MCP3465R
DS20006414C-page 24
 2020-2021 Microchip Technology Inc.
TABLE 2-1:
OUTPUT NOISE VS. GAIN VS. OSR (AVDD = DVDD = VREF = 3.3V, TA = +25°C)
Total
OSR
RMS (Peak-to-Peak) Noise (µV)
Gain = 0.33
Gain = 1
Gain = 2
Gain = 4
Gain = 8
Gain = 16
32
388.9 (2829.9)
130.2 (950)
65.7 (481.7)
33.2 (240.9)
17 (125.5)
8.9 (66.9)
64
151.1 (564)
50.4 (184.6)
25.2 (102.4)
12.6 (56.2)
6.3 (34.8)
3.4 (22.5)
128
151.1 (302.1)
50.4 (107.4)
25.2 (57.1)
12.6 (33.6)
6.3 (21.4)
3.2 (14.3)
256
151.1 (302.1)
50.4 (100.7)
25.2 (50.4)
12.6 (25.2)
6.3 (15.9)
3.2 (10.5)
512
151.1 (302.1)
50.4 (100.7)
25.2 (50.4)
12.6 (25.2)
6.3 (12.6)
3.2 (6.9)
1024
151.1 (302.1)
50.4 (100.7)
25.2 (50.4)
12.6 (25.2)
6.3 (12.6)
3.2 (6.3)
2048
151.1 (302.1)
50.4 (100.7)
25.2 (50.4)
12.6 (25.2)
6.3 (12.6)
3.2 (6.3)
4096
151.1 (302.1)
50.4 (100.7)
25.2 (50.4)
12.6 (25.2)
6.3 (12.6)
3.2 (6.3)
8192
151.1 (302.1)
50.4 (100.7)
25.2 (50.4)
12.6 (25.2)
6.3 (12.6)
3.2 (6.3)
16384
151.1 (302.1)
50.4 (100.7)
25.2 (50.4)
12.6 (25.2)
6.3 (12.6)
3.2 (6.3)
20480
151.1 (302.1)
50.4 (100.7)
25.2 (50.4)
12.6 (25.2)
6.3 (12.6)
3.2 (6.3)
24576
151.1 (302.1)
50.4 (100.7)
25.2 (50.4)
12.6 (25.2)
6.3 (12.6)
3.2 (6.3)
40960
151.1 (302.1)
50.4 (100.7)
25.2 (50.4)
12.6 (25.2)
6.3 (12.6)
3.2 (6.3)
49152
151.1 (302.1)
50.4 (100.7)
25.2 (50.4)
12.6 (25.2)
6.3 (12.6)
3.2 (6.3)
81920
151.1 (302.1)
50.4 (100.7)
25.2 (50.4)
12.6 (25.2)
6.3 (12.6)
3.2 (6.3)
98304
151.1 (302.1)
50.4 (100.7)
25.2 (50.4)
12.6 (25.2)
6.3 (12.6)
3.2 (6.3)
TABLE 2-2:
EFFECTIVE RESOLUTION VS. GAIN VS. OSR (AVDD = DVDD = VREF = 3.3V,
TA =+25°C)
Total
OSR
Effective Resolution RMS (Peak-to-Peak) (bits)
Gain = 0.33
Gain = 1
Gain = 2
Gain = 4
Gain = 8
Gain = 16
32
15.6 (12.8)
15.6 (12.8)
15.6 (12.7)
15.6 (12.7)
15.6 (12.7)
15.5 (12.6)
64
17 (15.2)
17 (15.2)
17 (15)
17 (14.9)
17 (14.5)
16.9 (14.2)
128
17 (16)
17 (15.9)
17 (15.9)
17 (15.6)
17 (15.3)
17 (14.9)
256
17 (16)
17 (16)
17 (16)
17 (16)
17 (15.7)
17 (15.4)
512
17 (16)
17 (16)
17 (16)
17 (16)
17 (16)
17 (15.9)
1024
17 (16)
17 (16)
17 (16)
17 (16)
17 (16)
17 (16)
2048
17 (16)
17 (16)
17 (16)
17 (16)
17 (16)
17 (16)
4096
17 (16)
17 (16)
17 (16)
17 (16)
17 (16)
17 (16)
8192
17 (16)
17 (16)
17 (16)
17 (16)
17 (16)
17 (16)
16384
17 (16)
17 (16)
17 (16)
17 (16)
17 (16)
17 (16)
20480
17 (16)
17 (16)
17 (16)
17 (16)
17 (16)
17 (16)
24576
17 (16)
17 (16)
17 (16)
17 (16)
17 (16)
17 (16)
40960
17 (16)
17 (16)
17 (16)
17 (16)
17 (16)
17 (16)
49152
17 (16)
17 (16)
17 (16)
17 (16)
17 (16)
17 (16)
81920
17 (16)
17 (16)
17 (16)
17 (16)
17 (16)
17 (16)
98304
17 (16)
17 (16)
17 (16)
17 (16)
17 (16)
17 (16)
Note:
To calculate noise RMS level, and Effective Resolution (Bits) for a given GAIN and data rate, refer to the
OSR setting and associated data rate relationship shown in Table 5-6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com