Electronic Components Datasheet Search
  English  ▼

X  

MCP3465R Datasheet(PDF) 55 Page - Microchip Technology

Part # MCP3465R
Description  Two-Channel, 153.6 ksps, Low Noise 16-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3465R Datasheet(HTML) 55 Page - Microchip Technology

Back Button MCP3465R Datasheet HTML 51Page - Microchip Technology MCP3465R Datasheet HTML 52Page - Microchip Technology MCP3465R Datasheet HTML 53Page - Microchip Technology MCP3465R Datasheet HTML 54Page - Microchip Technology MCP3465R Datasheet HTML 55Page - Microchip Technology MCP3465R Datasheet HTML 56Page - Microchip Technology MCP3465R Datasheet HTML 57Page - Microchip Technology MCP3465R Datasheet HTML 58Page - Microchip Technology MCP3465R Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 110 page
background image
 2020-2021 Microchip Technology Inc.
DS20006414C-page 55
MCP3465R
FIGURE 5-12:
ADC Output and Data Ready Event Behavior with Digital Offset Calibration Enabled.
5.13.2
DIGITAL GAIN ERROR
CALIBRATION
The Gain Error Calibration register (GAINCAL,
address: 0xA) is an unsigned 16-bit register that holds
the digital gain error calibration value, GAINCAL.
Equation 5-8 calculates the GAINCAL multiplier.
EQUATION 5-8:
GAINCAL CALIBRATION
VALUE (MULTIPLIER
VALUE)
For the MCP3465R device, the gain error calibration is
done by multiplying the GAINCAL value to the ADC
output code. The last byte of the GAINCAL register
(GAINCAL[7:0]) is ignored and internally reset to 0x00
during the calibration; therefore, the multiplication just
takes into account the GAINCAL[23:8] bits.
The gain error calibration value range in equivalent
voltage is [0; 2-2-15], which can cancel any possible
gain error in the ADC and in the system. The gain
error calibration is made with a simple 16-bit
add-and-shift circuit clocked on DMCLK, and induces
a pipeline delay of TGCAL = 15 DMCLK periods. This
pipeline delay acts as a delay on the data ready
interrupt position that is shifted by TGCAL = 15 DMCLK
periods.
During this delay, the converter can process the next
conversion, the delay does not shift the next conver-
sion and does not change the Conversion Time,
TCONV. Enabling the gain error calibration will affect
the next conversion result; the conversion result
already held in the ADCDATA register (0x0) is not
modified when the EN_GAINCAL is set to ‘1’, but the
next one will take the offset calibration into account.
Changing the GAINCAL register to a new value will
not affect the current ADCDATA value, but the next
one (after a data ready interrupt) will take the new
GAINCAL value into account. Figure 5-13 shows the
different cases, and their associated effects on the
ADCDATA register and the Data Ready Event.
FIGURE 5-13:
ADC Output and Data Ready Event Behavior with Digital Gain Error Calibration Enabled.
SPI
Write
EN_OFFCAL =
1
Data Ready Event
ADC STATUS
Data 2 Conversion
Data 1 Conversion
Data 3 Conversion
ADCDATA
REGISTER VALUE
DATA1
DATA0
DATA2 + OFFSETCAL1
Write
OFFSETCAL[23:8] = OFFSETCAL1
Write
OFFSETCAL[23:8] = OFFSETCAL2
Data 4 Conversion
DATA3 + OFFSETCAL2
GAINCAL (V/V) = (GAINCAL[23:8] unsigned decimal
code)/32768
SPI
Write
EN_GAINCAL =
1
Data Ready Event
ADC STATUS
Data 3 Conversion
DATA1
DATA0
DATA2 x GAINCAL2
Write
GAINCAL[23:8] = GAINCAL1
Write
GAINCAL[23:8] = GAINCAL2
Data 4 Conversion
DATA3 x GAINCAL2
TGCAL
TGCAL
ADCDATA
Data 2 Conversion
Data 1 Conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com