Electronic Components Datasheet Search
  English  ▼

X  

MCP3465R Datasheet(PDF) 53 Page - Microchip Technology

Part # MCP3465R
Description  Two-Channel, 153.6 ksps, Low Noise 16-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3465R Datasheet(HTML) 53 Page - Microchip Technology

Back Button MCP3465R Datasheet HTML 49Page - Microchip Technology MCP3465R Datasheet HTML 50Page - Microchip Technology MCP3465R Datasheet HTML 51Page - Microchip Technology MCP3465R Datasheet HTML 52Page - Microchip Technology MCP3465R Datasheet HTML 53Page - Microchip Technology MCP3465R Datasheet HTML 54Page - Microchip Technology MCP3465R Datasheet HTML 55Page - Microchip Technology MCP3465R Datasheet HTML 56Page - Microchip Technology MCP3465R Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 110 page
background image
 2020-2021 Microchip Technology Inc.
DS20006414C-page 53
MCP3465R
FIGURE 5-11:
ADC Start-up Timer Timing Diagram.
5.12
Master Clock Selection/Internal
Oscillator
The device includes three possible clock modes for the
master clock generation. The Master Clock (MCLK) is
used by the ADC to perform conversions and is also used
by the digital portion to generate the different digital
timers. The clock mode selection is made through the
CLK_SEL[1:0] bits located in the CONFIG0 register. The
possible selections are described in Table 5-13.
The master clock is not propagated in the chip when the
chip enters the Full Shutdown mode (see Section 5.10
“Low-Power Shutdown Modes”). MCP3465R is a low
pin count device, targeted to applications requiring a
smaller PCB footprint, so there is no dedicated pin for the
MCLK input/output on this device. The SCK pin is used
for this function, on top of being used as the clock input
for the digital interface. SCK is always the clock input for
the digital interface at all times. Any change to the
CLK_SEL bits is following a specific sequence described
in Section 6.9 “Master Clock Input/Output Modes”.
Each Reset and restart resets all internal phases to their
default values and can lead to a possible temporary duty
cycle change at the clock output pin.
TABLE 5-13:
CLOCK SELECTION BITS
5.12.1
EXTERNAL MASTER CLOCK MODE
(CLK_SEL[1:0] = 0x)
The External Clock mode is used to input the MCLK
clock necessary for the ADC conversions and can
accept duty cycles with a large range, since the clock is
redivided internally to generate the different internal
phases.
The external clock can be provided on the SCK pin.
Therefore, the SCK pin in this mode has a dual function-
ality, as it is also the clock input pin for the digital
interface. In this mode, SCK = MCLK at all times and the
digital interface is synchronous with the master clock.
When running conversions, SCK has to be continuously
clocking at a constant frequency as it is defined for the
MCLK input to ensure proper ADC accuracy. In this
case, communications using the SPI interface should be
synchronized on this free-running clock and can be
framed with a proper usage of the CS pin.
5.12.2
INTERNAL OSCILLATOR
The device includes an internal RC-type oscillator
powered by the digital power supply (DVDD/DGND). The
frequency of this internal oscillator ranges from
3.3 MHz to 6.6 MHz. The oscillator is not trimmed in
production; therefore, the precision of the center
frequency is approximately ±30% from chip to chip.
The duty cycle of the internal oscillator is centered
around 50% and varies very slightly from chip to chip.
The internal oscillator has no Reset feature and keeps
running once selected.
ADC Start-up
Timer Decimal
Code
ADC_MODE
DMCLK
0x
1x
256
Continuous Clocking
1x
0
0x
Switching Between ADC_MODE = 10 and 11
has no Effect on the Timer
Timer Reset
ADC Ready to Convert
SPI
Wri te
AD C_M ODE = 1x
1X
Wri te
ADC _M ODE = 0x
Wri te
AD C_M ODE = 1x
Wri te
ADC_M ODE = 1x
Timer Reset
Timer
Countdown
CLK_SEL[1:0]
Clock Mode
SCK Pin
00 or 01
External clock
MCLK digital input
10
Internal RC
Oscillator,
no clock output
High-Z MCLK and SCK
are asynchronous
11
Internal RC
Oscillator with clock
output
AMCLK is present as
an output on the SCK
pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com