Electronic Components Datasheet Search
  English  ▼

X  

MCP3465R Datasheet(PDF) 87 Page - Microchip Technology

Part # MCP3465R
Description  Two-Channel, 153.6 ksps, Low Noise 16-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3465R Datasheet(HTML) 87 Page - Microchip Technology

Back Button MCP3465R Datasheet HTML 83Page - Microchip Technology MCP3465R Datasheet HTML 84Page - Microchip Technology MCP3465R Datasheet HTML 85Page - Microchip Technology MCP3465R Datasheet HTML 86Page - Microchip Technology MCP3465R Datasheet HTML 87Page - Microchip Technology MCP3465R Datasheet HTML 88Page - Microchip Technology MCP3465R Datasheet HTML 89Page - Microchip Technology MCP3465R Datasheet HTML 90Page - Microchip Technology MCP3465R Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 110 page
background image
 2020-2021 Microchip Technology Inc.
DS20006414C-page 87
MCP3465R
8.2
CONFIG0 REGISTER
Name
Bits
Address
Cof
CONFIG0
8
0x1
R/W
REGISTER 8-2:
CONFIG0 REGISTER
R/W-1
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
VREF_SEL
CONFIG0[6]
CLK_SEL[1:0]
CS_SEL[1:0]
ADC_MODE[1:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
VREF_SEL: Internal Voltage Reference
1 = Internal voltage reference is selected and buffered internally; the REFIN+/OUT pin voltage is set
at 2.4V (default)
0 = External voltage reference is selected and not buffered internally; the internal voltage reference
buffer is shut down
bit 6
CONFIG0[6]: If CONFIG0 = 0x0, the device goes into Partial Shutdown mode.
This bit does not have any other function.
bit 5-4
CLK_SEL[1:0]: Clock Selection
11 = Internal clock is selected and AMCLK is present on the SCK pin, which becomes an output pin
10 = Internal clock is selected and no clock output is present on the SCK pin, in which case, the SCK
pin becomes the SPI clock input pin only
01 = External digital clock; in this mode, SCK = MCLK and the clock input pin is SCK (MCLK needs to
be sent continuously to ensure proper functioning of A/D conversions)
00 = External digital clock (default); in this mode, SCK = MCLK and the clock input pin is SCK (MCLK
needs to be sent continuously to ensure proper functioning of A/D conversions)
bit 3-2
CS_SEL[1:0]: Current Source/Sink Selection for Sensor Bias (source on VIN+/Sink on VIN-)
11 = 15 µA is applied to the ADC inputs
10 = 3.7 µA is applied to the ADC inputs
01 = 0.9 µA is applied to the ADC inputs
00 = No current source is applied to the ADC inputs (default)
bit 1-0
ADC_MODE[1:0]: ADC Operating Mode Selection
11 = ADC Conversion mode
10 = ADC Standby mode
01 = ADC Shutdown mode
00 = ADC Shutdown mode (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com