Electronic Components Datasheet Search
  English  ▼

X  

MCP3465R Datasheet(PDF) 54 Page - Microchip Technology

Part # MCP3465R
Description  Two-Channel, 153.6 ksps, Low Noise 16-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3465R Datasheet(HTML) 54 Page - Microchip Technology

Back Button MCP3465R Datasheet HTML 50Page - Microchip Technology MCP3465R Datasheet HTML 51Page - Microchip Technology MCP3465R Datasheet HTML 52Page - Microchip Technology MCP3465R Datasheet HTML 53Page - Microchip Technology MCP3465R Datasheet HTML 54Page - Microchip Technology MCP3465R Datasheet HTML 55Page - Microchip Technology MCP3465R Datasheet HTML 56Page - Microchip Technology MCP3465R Datasheet HTML 57Page - Microchip Technology MCP3465R Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 110 page
background image
MCP3465R
DS20006414C-page 54
 2020-2021 Microchip Technology Inc.
5.12.3
INTERNAL MASTER CLOCK
MODES (CLK_SEL[1:0] = 1x)
When CLK_SEL[1] = 1, the internal oscillator is
selected and the master clock is generated internally.
The master clock generation is independent of the ADC
as the clock can still be generated, even if the ADC is
in ADC Shutdown mode. The internal oscillator is only
disabled when CLK_SEL[1:0] = 0x. The clock can be
distributed to the SCK pin depending on the
CLK_SEL[0] bit. When the clock output is selected
(CLK_SEL[0] = 1), the AMCLK clock derived from the
MCLK (AMCLK = MCLK/PRESCALE) is available on
the SCK pin. The AMCLK output can serve as the clock
pin to synchronize other MCP3465R devices that are
configured with CLK_SEL[1:0] = 00 or 01.
The AMCLK output is available on the SCK pin as soon
as the Write command (CLK_SEL[1:0] = 11) is
finished. Section 6.9 “Master Clock Input/Output
Modes” describes in detail the transitions from one
clock mode to another.
5.13
Digital System Offset and Gain
Calibrations
The MCP3465R device includes a digital calibration
feature for offset and gain errors. The calibration scheme
for offset error consists of the addition of a fixed offset
value to the ADC output code (ADCDATA at address:
0x0). The offset value added (OFFSETCAL) is deter-
mined in the OFFSETCAL register (address: 0x9). The
calibration scheme for gain error consists of the multipli-
cation of a fixed gain value to the ADCDATA code. The
gain value (GAINCAL) multiplied is determined in the
GAINCAL register (address: 0xA).
The digital offset and gain calibration schemes are
enabled or disabled via the EN_OFFCAL and
EN_GAINCAL control bits of the CONFIG3 register.
When both calibration control bits are enabled
(EN_OFFCAL = EN_GAINCAL = 1), the ADCDATA
register is modified with the digital offset and gain cali-
bration schemes, as described in Equation 5-6. When
a calibration enable bit is off, its corresponding register
becomes a Don’t Care register and the corresponding
calibration is not performed.
EQUATION 5-6:
ADCDATA OUTPUT
AFTER DIGITAL GAIN
AND OFFSET ERROR
CALIBRATION
The calculations are performed internally with proper
management of overloading, so that the overload
detection is done on the output result only and not on
the intermediate results. A sufficient number of
additional overload bits is maintained and propagated
internally to overcome all possible overload and/or
overload recovery situations.
For example, if ADCDATA (pre-calibration) + OFFSETCAL
is out of bounds, but (ADCDATA (pre-calibration) +
OFFSETCAL) x GAINCAL is still in the right range
(possible with 0 < GAINCAL < 1), the result is not
saturated.
5.13.1
DIGITAL OFFSET ERROR
CALIBRATION
The
Offset
Calibration
register
(OFFSETCAL,
address: 0x9) is a signed MSb first, two’s complement
coding, 16-bit register that holds the digital offset
calibration value, OFFSETCAL. The OFFSETCAL
equivalent input voltage value is calculated with
Equation 5-7.
EQUATION 5-7:
OFFSETCAL
CALIBRATION VALUE
(EQUIVALENT INPUT
VOLTAGE)
For the MCP3465R device, the offset calibration is
done by adding the OFFSETCAL[23:8] calibration
value to the ADCDATA output code, bit by bit. The last
byte of the OFFSETCAL register (OFFSETCAL[7:0])
is ignored and internally reset to 0x00 during the cali-
bration; therefore, the addition just takes into account
the OFFSETCAL[23:8] bits and is done bit by bit with
the ADC output code.
The offset calibration value range in equivalent voltage
is [-VREF/Gain; (+VREF – 1 LSb)/Gain], which can
cancel any possible offset in the ADC but also in the
system. The offset calibration is realized with a simple
16-bit signed adder and is instantaneous (no pipeline
delay). Enabling the offset calibration will affect the
next conversion result; the conversion result already
held in the ADCDATA register (0x0) is not modified
when the EN_OFFCAL is set to ‘1’, but the next one
will take the offset calibration into account. Changing
the OFFSETCAL register to a new value will not affect
the current ADCDATA value, but the next one (after a
data ready interrupt) will take the new OFFSETCAL
value into account. Figure 5-12 presents the different
cases and their impact on the ADCDATA register and
the Data Ready Event.
ADCDATA (post-calibration) =
[ADCDATA (pre-calibration) + OFFSETCAL] x GAINCAL
OFFSETCAL (V) = VREF x (OFFSETCAL[23:8]
signed decimal code)/(32768 x GAIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com