Electronic Components Datasheet Search
  English  ▼

X  

MCP3465R Datasheet(PDF) 101 Page - Microchip Technology

Part # MCP3465R
Description  Two-Channel, 153.6 ksps, Low Noise 16-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3465R Datasheet(HTML) 101 Page - Microchip Technology

Back Button MCP3465R Datasheet HTML 97Page - Microchip Technology MCP3465R Datasheet HTML 98Page - Microchip Technology MCP3465R Datasheet HTML 99Page - Microchip Technology MCP3465R Datasheet HTML 100Page - Microchip Technology MCP3465R Datasheet HTML 101Page - Microchip Technology MCP3465R Datasheet HTML 102Page - Microchip Technology MCP3465R Datasheet HTML 103Page - Microchip Technology MCP3465R Datasheet HTML 104Page - Microchip Technology MCP3465R Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 110 page
background image
 2020-2021 Microchip Technology Inc.
DS20006414C-page 101
MCP3465R
9.0
PACKAGING INFORMATION
9.1
Package Marking Information(*)
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
* In the event the full Microchip part number cannot be marked on one line, it
will be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
Part Number
Code
SPI Device Address
MCP3465RT-E/SFX
46R
01(1)
Note 1: Denotes the device default SPI address option.
The device only responds to SPI commands if
CMD[7:6] match the SPI device address for each
command (see Section 6.2.2, Device Address
Bits (CMD[7:6])). Contact Microchip Sales
for other device address option ordering
procedures.
Assembled/Packaged Before: 9/15/2020 XXX
NNN(1)
Assembled/Packaged After: 9/15/2020
XXXX
YNNN(2)
Note 1: NNN is the alphanumeric traceability code.
2: <Y> is the last digit of the year (e.g., 0NNN for
2020) and NNN is the alphanumeric traceability
code.
Example:
12-Lead UQFN (2 mm x 2 mm x 0.55 mm)
465R
0256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com