Electronic Components Datasheet Search
  English  ▼

X  

AP2127 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP2127
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2127 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP2127 Datasheet HTML 3Page - Diodes Incorporated AP2127 Datasheet HTML 4Page - Diodes Incorporated AP2127 Datasheet HTML 5Page - Diodes Incorporated AP2127 Datasheet HTML 6Page - Diodes Incorporated AP2127 Datasheet HTML 7Page - Diodes Incorporated AP2127 Datasheet HTML 8Page - Diodes Incorporated AP2127 Datasheet HTML 9Page - Diodes Incorporated AP2127 Datasheet HTML 10Page - Diodes Incorporated AP2127 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AP2127
Document number: DS36478 Rev. 7 - 2
7 of 24
www.diodes.com
December 2017
© Diodes Incorporated
AP2127
Performance Characteristics (Cont.) (Note 5)
Output Voltage vs. Output Current
Output Voltage vs. Output Current
Output Voltage vs. Output Current
Output Voltage vs. Output Current
Quiescent Current vs. Input Voltage
Quiescent Current vs. Input Voltage
Note 5:
Maximum output of 4.75V passed qualification test. Performance Characteristics for 5.2V are for reference only.
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.0
0.2
0.4
0.6
0.8
1.0
Output Current (A)
T
C
=-40
oC
T
C
=25
oC
T
C
=85
oC
V
IN
=2.5V
V
OUT
=1.0V
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Output Current (A)
T
C
=-40
oC
T
C
=25
oC
T
C
=85
oC
V
IN
=4.3V, V
OUT
=3.3V
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Output Current (A)
V
IN
=3.8V
V
IN
=4.3V
V
IN
=6V
T
C
=25
oC, V
OUT
=3.3V
0.0
0.1
0.2
0.3
0.4
0.5
0
1
2
3
4
5
6
Output Current (A)
T
C
=-40
oC
T
C
=25
oC
T
C
=85
oC
V
IN
=6V, V
OUT
=5.2V
1
2
3
4
5
6
-10
0
10
20
30
40
50
60
70
80
Input Voltage (V)
T
C
=-40
oC
T
C
=25
oC
T
C
=85
oC
I
OUT
=0
V
OUT
=1.0V
0
1
2
3
4
5
6
0
10
20
30
40
50
60
70
80
Input Voltage (V)
T
C
=-40
oC
T
C
=25
oC
T
C
=85
oC
I
OUT
=0, V
OUT
=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com