Electronic Components Datasheet Search
  English  ▼

X  

AP2127 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP2127
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2127 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP2127 Datasheet HTML 6Page - Diodes Incorporated AP2127 Datasheet HTML 7Page - Diodes Incorporated AP2127 Datasheet HTML 8Page - Diodes Incorporated AP2127 Datasheet HTML 9Page - Diodes Incorporated AP2127 Datasheet HTML 10Page - Diodes Incorporated AP2127 Datasheet HTML 11Page - Diodes Incorporated AP2127 Datasheet HTML 12Page - Diodes Incorporated AP2127 Datasheet HTML 13Page - Diodes Incorporated AP2127 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AP2127
Document number: DS36478 Rev. 7 - 2
10 of 24
www.diodes.com
December 2017
© Diodes Incorporated
AP2127
Performance Characteristics (Cont.) (Note 5)
Line Transient
Load Transient
(Condition: CIN = COUT =1µF, IOUT=10mA,
(Condition: CIN=COUT=1µF, Slew Rate=20mA/µs,
VIN=2.5V to 3.3V, VOUT=1V)
VIN=2.5V, VOUT=1V, IOUT=10mA to 300mA)
Load Transient
Load Transient
(Condition: CIN=COUT=1µF, IOUT=10mA to 300mA,
(Condition: CIN=COUT=1µF, Slew Rate=20mA/µs,
VIN=4.3V, VOUT=3.3V)
VIN=6V, VOUT=5.2V, IOUT=10mA to 300mA)
PSRR vs. Frequency
PSRR vs. Frequency
(Condition: CIN=COUT=1µF, VIN=2.5V, VOUT=1V
(Condition: CIN=COUT=1µF, VIN=4.3V, VOUT=3.3V,
Ripple=1VPP)
Ripple=1VPP)
Note 5:
Maximum output of 4.75V passed qualification test. Performance Characteristics for 5.2V are for reference only.
VIN
500mV/div
VOUT
50mV/div
IOUT
200mA/div
VOUT
50mV/div
IOUT
200mA/div
VOUT
50mV/div
IOUT
200mA/div
VOUT
50mV/div
100
1000
10000
100000
0
10
20
30
40
50
60
70
80
90
Frequency (Hz)
I
OUT
=10mA
I
OUT
=300mA
V
OUT
=1V,Ripple=1V
PP
100
1k
10k
100k
10
20
30
40
50
60
70
Frequency (Hz)
I
OUT
=10mA
I
OUT
=300mA
V
OUT
=3.3V, Ripple=1V
PP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com