Electronic Components Datasheet Search
  English  ▼

X  

AP2127 Datasheet(PDF) 15 Page - Diodes Incorporated

Part # AP2127
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2127 Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button AP2127 Datasheet HTML 11Page - Diodes Incorporated AP2127 Datasheet HTML 12Page - Diodes Incorporated AP2127 Datasheet HTML 13Page - Diodes Incorporated AP2127 Datasheet HTML 14Page - Diodes Incorporated AP2127 Datasheet HTML 15Page - Diodes Incorporated AP2127 Datasheet HTML 16Page - Diodes Incorporated AP2127 Datasheet HTML 17Page - Diodes Incorporated AP2127 Datasheet HTML 18Page - Diodes Incorporated AP2127 Datasheet HTML 19Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AP2127
Document number: DS36478 Rev. 7 - 2
15 of 24
www.diodes.com
December 2017
© Diodes Incorporated
AP2127
Marking Information
(1)
SOT-23, SOT-23-3
(Top View)
(2)
SOT-23-5
(Top View)
(Top View)
(3)
SOT-89
(Top View)
1
2
3
1
2
3
4
5
1
2
3
4
5
XXX
XXX
XXXX
YWWAXX
: Logo
XXX : Marking ID (See Ordering Information)
First Line: Logo and Marking ID (See Ordering Information)
Second Line: Date Code
Y: Year
WW: Work Week of Molding
A: Assembly House Code
XX: 7th and 8th Digits of Batch Number
: Logo
XXX : Marking ID (See Ordering Information)
XXX
Y W X
XXX : Marking ID (See Ordering Information)
Y : Year 0 to 9
W : Week : A to Z : 1 to 26 week;
a to z : 27 to 52 week; z represents
52 and 53 week
X : Internal Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com