Electronic Components Datasheet Search
  English  ▼

X  

AP2127 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP2127
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2127 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP2127 Datasheet HTML 8Page - Diodes Incorporated AP2127 Datasheet HTML 9Page - Diodes Incorporated AP2127 Datasheet HTML 10Page - Diodes Incorporated AP2127 Datasheet HTML 11Page - Diodes Incorporated AP2127 Datasheet HTML 12Page - Diodes Incorporated AP2127 Datasheet HTML 13Page - Diodes Incorporated AP2127 Datasheet HTML 14Page - Diodes Incorporated AP2127 Datasheet HTML 15Page - Diodes Incorporated AP2127 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AP2127
Document number: DS36478 Rev. 7 - 2
12 of 24
www.diodes.com
December 2017
© Diodes Incorporated
AP2127
Application Notes
Input Capacitor
A 1µF ceramic capacitor is recommended to connect between VIN and GND pins to decouple input power supply glitch and noise. The amount of
the capacitance may be increased without limit. This input capacitor must be located as close as possible to the device to assure input stability
and less noise. For PCB layout, a wide copper trace is required for both VIN and GND.
Output Capacitor
The output capacitor is required to stabilize and help transient response for LDO. The AP2127 is stable with very small ceramic output capacitor
with a low ESR 1µF or higher of X7R or X5R MLCC capacitor, which will be sufficient at full temperature ranges. Additional capacitance helps to
reduce undershoot and overshoot during transient. Place output capacitor as close as possible to VOUT and GND pins, and keep the leads as
short as possible.
Adjustable Operation
For adjustable version, the output voltage is calculated by:


2
1
REF
OUT
R
R
1
V
V
Where VREF = 0.8V (the internal reference voltage)
Rearranging the equation will give the following that is used for adjusting the output to a particular voltage:


1
V
V
R
R
REF
OUT
2
1
For AP2127, the resistor at the low side (R2) can be selected from 5kΩ to 200kΩ.
In order to improve the stability and to decrease the noise level of the adjustable version, a feed-forward capacitor is suggested to be placed
between VOUT and ADJ pins (Figure 1
). It’s recommended that this feed-forward capacitor value can be calculated as:
15kHz
ff
C
1
R
2
π
1
0.7kHz
The recommended value of the feed-forward capacitor for different resistor divider ratios is shown in the table below.
Output Voltage
R1
R2
Cff
1.2V
7.5k
Ω
15k
Ω
2.7nF
1.6V
7.5k
Ω
7.5k
Ω
2.7nF
1.8V
22.5k
Ω
18k
Ω
1nF
1.9V
7.5k
Ω
5.49k
Ω
2.7nF
2.5V
38.3k
Ω
18k
Ω
560pF
3.3V
56.2k
Ω
18k
Ω
390pF
4.0V
120k
Ω
30.1k
Ω
180pF
Table 1. Output Voltage Setting Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com